Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE220A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P6KE220A
Description  TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KE220A Datasheet(HTML) 4 Page - Vishay Siliconix

  P6KE220A Datasheet HTML 1Page - Vishay Siliconix P6KE220A Datasheet HTML 2Page - Vishay Siliconix P6KE220A Datasheet HTML 3Page - Vishay Siliconix P6KE220A Datasheet HTML 4Page - Vishay Siliconix P6KE220A Datasheet HTML 5Page - Vishay Siliconix P6KE220A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P6KE6.8A thru P6KE540A
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
4
Document Number: 88369
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Power Derating Curve
Fig. 6 - Maximum Non-Repetitive Forward Surge Current
Fig. 7 - Typical Transient Thermal Impedance
6
5
4
3
2
1
0
0
25
50
75
100
125
150
175
200
L = 0.375" (9.5 mm)
Lead Lengths
TL - Lead Temperature (°C)
60 Hz
Resistive or
Inductive Load
200
100
50
10
1
5
10
50
100
Number of Cycles at 60 Hz
Uni-Directional Only
T
J = TJ max.
8.3 ms Single Half Sine-Wave
tp - Pulse Duration (s)
10
100
1
0.1
0.001
0.01
0.1
1
10
100
1000


Similar Part No. - P6KE220A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
P6KE220A MDE-P6KE220A Datasheet
78Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Yea Shin Technology Co....
P6KE220A YEASHIN-P6KE220A Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P6KE220A PANJIT-P6KE220A Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Socay Electornics Co., ...
P6KE220A SOCAY-P6KE220A Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
P6KE220A TSC-P6KE220A Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
More results

Similar Description - P6KE220A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SA170CA VISHAY-SA170CA Datasheet
117Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com