Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA350 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA350
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA350 Datasheet(HTML) 2 Page - Texas Instruments

  OPA350 Datasheet HTML 1Page - Texas Instruments OPA350 Datasheet HTML 2Page - Texas Instruments OPA350 Datasheet HTML 3Page - Texas Instruments OPA350 Datasheet HTML 4Page - Texas Instruments OPA350 Datasheet HTML 5Page - Texas Instruments OPA350 Datasheet HTML 6Page - Texas Instruments OPA350 Datasheet HTML 7Page - Texas Instruments OPA350 Datasheet HTML 8Page - Texas Instruments OPA350 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals(2), Voltage
(V−) − 0.3V to (V+) + 0.3V
. . . . .
Current
10mA
. . . . . . . . . . . . . . . . . . . . . .
Open Short-Circuit Current(3)
Continuous
. . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +150°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−55
°C to +150°C
. . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.3V beyond the supply
rails should be current limited to 10mA or less.
(3) Short-circuit to ground, one amplifier per package.
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
SINGLE
OPA350EA
MSOP-8
DGK
−40
°C to +85°C
C50
OPA350EA/250
Tape and Reel, 250
OPA350EA
MSOP-8
DGK
−40
°C to +85°C
C50
OPA350EA/2K5
Tape and Reel, 2500
OPA350UA
SO-8
D
−40
°C to +85°C
OPA350UA
OPA350UA
Rails
OPA350UA
SO-8
D
−40
°C to +85°C
OPA350UA
OPA350UA/2K5
Tape and Reel, 2500
OPA350PA
DIP-8
P
−40
°C to +85°C
OPA350PA
OPA350PA
Rails
DUAL
OPA2350EA
MSOP-8
DGK
−40
°C to +85°C
D50
OPA2350EA/250
Tape and Reel, 250
OPA2350EA
MSOP-8
DGK
−40
°C to +85°C
D50
OPA2350EA/2K5
Tape and Reel, 2500
OPA2350UA
SO-8
D
−40
°C to +85°C
OPA2350UA
OPA2350UA
Rails
OPA2350UA
SO-8
D
−40
°C to +85°C
OPA2350UA
OPA2350UA/2K5
Tape and Reel, 2500
OPA2350PA
DIP-8
P
−40
°C to +85°C
OPA2350PA
OPA2350PA
Rails
QUAD
OPA4350EA
SSOP-16
DBQ
−40
°C to +85°C
OPA4350EA
OPA4350EA/250
Tape and Reel, 250
OPA4350EA
SSOP-16
DBQ
−40
°C to +85°C
OPA4350EA
OPA4350EA/2K5
Tape and Reel, 2500
OPA4350UA
SO-14
D
−40
°C to +85°C
OPA4350UA
OPA4350UA
Rails
OPA4350UA
SO-14
D
−40
°C to +85°C
OPA4350UA
OPA4350UA/2K5
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.


Similar Part No. - OPA350

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
OPA350 BURR-BROWN-OPA350 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA350 TI-OPA350 Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA350 TI1-OPA350 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results

Similar Description - OPA350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com