Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA350UA2K5 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA350UA2K5
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA350UA2K5 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA350UA2K5 Datasheet HTML 4Page - Texas Instruments OPA350UA2K5 Datasheet HTML 5Page - Texas Instruments OPA350UA2K5 Datasheet HTML 6Page - Texas Instruments OPA350UA2K5 Datasheet HTML 7Page - Texas Instruments OPA350UA2K5 Datasheet HTML 8Page - Texas Instruments OPA350UA2K5 Datasheet HTML 9Page - Texas Instruments OPA350UA2K5 Datasheet HTML 10Page - Texas Instruments OPA350UA2K5 Datasheet HTML 11Page - Texas Instruments OPA350UA2K5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
8
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VS = +5V, and RL = 1kΩ connected to VS/2, unless otherwise noted.
Offset Voltage (
µV)
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
18
16
14
12
10
8
6
4
2
0
Typical distribution of
packaged units.
SMALL−SIGNAL OVERSHOOT vs LOAD CAPACITANCE
1M
100
1k
10k
100k
Load Capacitance (pF)
10
80
70
60
50
40
30
20
10
0
G= 1
G=
−1
G=
±10
SMALL−SIGNAL STEP RESPONSE
C
L = 100pF
100ns/div
Offset Voltage Drift (
µV/_C)
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
20
18
16
14
12
10
8
6
4
2
0
01
23
456
789 10 11 12 13 14 15
Typical production
distribution of
packaged units.
SETTLING TIME vs CLOSED−LOOP GAIN
10
1
0.1
Closed−Loop Gain (V/V)
−1
−10
−100
0.1%
0.01%
LARGE−SIGNAL STEP RESPONSE
C
L = 100pF
200ns/div


Similar Part No. - OPA350UA2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350UA BURR-BROWN-OPA350UA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350UA BURR-BROWN-OPA350UA Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA350UA TI-OPA350UA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA350UA TI1-OPA350UA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA350UA-2K5 TI-OPA350UA-2K5 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
More results

Similar Description - OPA350UA2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com