Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA219AIDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA219AIDR
Description  Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA219AIDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA219AIDR Datasheet HTML 6Page - Texas Instruments INA219AIDR Datasheet HTML 7Page - Texas Instruments INA219AIDR Datasheet HTML 8Page - Texas Instruments INA219AIDR Datasheet HTML 9Page - Texas Instruments INA219AIDR Datasheet HTML 10Page - Texas Instruments INA219AIDR Datasheet HTML 11Page - Texas Instruments INA219AIDR Datasheet HTML 12Page - Texas Instruments INA219AIDR Datasheet HTML 13Page - Texas Instruments INA219AIDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
INA219
SBOS448F
– AUGUST 2008 – REVISED SEPTEMBER 2011
www.ti.com
Serial Bus Address
WRITING TO/READING FROM THE INA219
To communicate with the INA219, the master must
Accessing a particular register on the INA219 is
first address slave devices via a slave address byte.
accomplished by writing the appropriate value to the
The slave address byte consists of seven address
register pointer. Refer to Table 4 for a complete list of
bits, and a direction bit indicating the intent of
registers and corresponding addresses. The value for
executing a read or write operation.
the register pointer as shown in Figure 17 is the first
byte transferred after the slave address byte with the
The INA219 has two address pins, A0 and A1.
R/W bit LOW. Every write operation to the INA219
Table 2 describes the pin logic levels for each of the
requires a value for the register pointer.
16 possible addresses. The state of pins A0 and A1
is sampled on every bus communication and should
Writing to a register begins with the first byte
be set before any activity on the interface occurs. The
transmitted by the master. This byte is the slave
address
pins
are
read
at
the
start
of
each
address, with the R/W bit LOW. The INA219 then
communication event.
acknowledges receipt of a valid address. The next
byte transmitted by the master is the address of the
Table 2. INA219 Address Pins and
register to which data will be written. This register
Slave Addresses
address value updates the register pointer to the
desired register. The next two bytes are written to the
A1
A0
SLAVE ADDRESS
register addressed by the register pointer. The
GND
GND
1000000
INA219 acknowledges receipt of each data byte. The
GND
VS+
1000001
master may terminate data transfer by generating a
GND
SDA
1000010
START or STOP condition.
GND
SCL
1000011
When reading from the INA219, the last value stored
VS+
GND
1000100
in the register pointer by a write operation determines
VS+
VS+
1000101
which register is read during a read operation. To
change the register pointer for a read operation, a
VS+
SDA
1000110
new value must be written to the register pointer. This
VS+
SCL
1000111
write is accomplished by issuing a slave address byte
SDA
GND
1001000
with the R/W bit LOW, followed by the register pointer
SDA
VS+
1001001
byte. No additional data are required. The master
SDA
SDA
1001010
then generates a START condition and sends the
slave address byte with the R/W bit HIGH to initiate
SDA
SCL
1001011
the read command. The next byte is transmitted by
SCL
GND
1001100
the slave and is the most significant byte of the
SCL
VS+
1001101
register indicated by the register pointer. This byte is
SCL
SDA
1001110
followed by an Acknowledge from the master; then
SCL
SCL
1001111
the slave transmits the least significant byte. The
master acknowledges receipt of the data byte. The
master may terminate data transfer by generating a
Serial Interface
Not-Acknowledge after receiving any data byte, or
The INA219 operates only as a slave device on the
generating a START or STOP condition. If repeated
I2C bus and SMBus. Connections to the bus are
reads from the same register are desired, it is not
made via the open-drain I/O lines SDA and SCL. The
necessary to continually send the register pointer
SDA
and
SCL
pins
feature
integrated
spike
bytes; the INA219 retains the register pointer value
suppression filters and Schmitt triggers to minimize
until it is changed by the next write operation.
the effects of input spikes and bus noise. The INA219
Figure 14 and Figure 15 show read and write
supports the transmission protocol for fast (1kHz to
operation timing diagrams, respectively. Note that
400kHz) and high-speed (1kHz to 3.4MHz) modes.
register bytes are sent most-significant byte first,
All data bytes are transmitted most significant byte
followed by the least significant byte. Figure 16
first.
shows the timing diagram for the SMBus Alert
response operation. Figure 17 illustrates a typical
register pointer configuration.
10
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): INA219


Similar Part No. - INA219AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219AIDR TI-INA219AIDR Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA219AIDR TI-INA219AIDR Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219AIDR TI1-INA219AIDR Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219AIDR TI1-INA219AIDR Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
More results

Similar Description - INA219AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI-INA219_08 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219 TI-INA219_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
INA209 TI-INA209_15 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
logo
Burr-Brown (TI)
INA209 BURR-BROWN-INA209 Datasheet
555Kb / 43P
   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C??Interface
logo
Texas Instruments
INA209 TI1-INA209_17 Datasheet
1Mb / 50P
[Old version datasheet]   High-Side Measurement, Bi-Directional Current/Power Monitor with I2C Interface
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com