Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP158 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SP158
Description  TinyLogic ULP 2-Input Inverting Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP158 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SP158 Datasheet HTML 1Page - Fairchild Semiconductor NC7SP158 Datasheet HTML 2Page - Fairchild Semiconductor NC7SP158 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP158 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP158 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP158 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP158 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP158 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP158 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
VOL
LOW Level
0.90
0.1
0.1
V
IOL = 20 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
0.1
0.1
1.40
≤ V
CC ≤ 1.60
0.1
0.1
1.65
≤ V
CC ≤ 1.95
0.1
0.1
2.30
≤ V
CC ≤ 2.70
0.1
0.1
3.00
≤ V
CC ≤ 3.60
0.1
0.1
1.10
≤ V
CC ≤ 1.30
0.30 x VCC
0.30 x VCC
IOL = 0.5 mA
1.40
≤ V
CC ≤ 1.60
0.31
0.37
IOL = 1 mA
1.65
≤ V
CC ≤ 1.95
0.31
0.35
IOL = 1.5 mA
2.30
≤ V
CC ≤ 2.70
0.31
0.33
IOL = 2.1 mA
3.00
≤ V
CC ≤ 3.60
0.31
0.33
IOL = 2.6 mA
IIN
Input Leakage Current
0.90 to 3.60
±0.1
±0.9
µA0 ≤ V
I ≤ 3.6V
IOFF
Power Off Leakage Current
0
1
5
µA0 ≤ (V
I, VO) ≤ 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.9
5
µAV
I = VCC or GND
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
0.90
30
ns
Figures
1, 2
tPLH
1.10
≤ V
CC ≤ 1.30
3.5
11
23.4
3.0
37.7
1.40
≤ V
CC ≤ 1.60
2.0
7
15.1
1.5
16.8
CL = 10 pF
1.65
≤ V
CC ≤ 1.95
1.5
5
11.5
1.0
12.5
RL = 1 MΩ
2.30
≤ V
CC ≤ 2.70
1.0
4
8.1
0.8
9.1
3.00
≤ V
CC ≤ 3.60
1.0
3
6.6
0.5
7.7
tPHL
Propagation Delay
0.90
32
ns
Figures
1, 2
tPLH
1.10
≤ V
CC ≤ 1.30
4.0
12
24.8
3.5
39.7
1.40
≤ V
CC ≤ 1.60
3.0
8
16.0
2.5
17.2
CL = 15 pF
1.65
≤ V
CC ≤ 1.95
2.0
6
12.1
2.0
13.1
RL = 1 MΩ
2.30
≤ V
CC ≤ 2.70
1.5
5
8.6
1.0
9.7
3.00
≤ V
CC ≤ 3.60
1.0
4
7.0
0.5
8.1
tPHL
Propagation Delay
0.90
40
ns
Figures
1, 2
tPLH
1.10
≤ V
CC ≤ 1.30
4.5
14
29.1
4.0
47.7
1.40
≤ V
CC ≤ 1.60
4.0
9
18.6
3.0
19.5
CL = 30 pF
1.65
≤ V
CC ≤ 1.95
2.0
7
14.4
2.0
15.3
RL = 1 MΩ
2.30
≤ V
CC ≤ 2.70
1.5
5
10.0
1.0
11.2
3.00
≤ V
CC ≤ 3.60
1.0
4
8.2
0.5
9.3
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
4.0
pF
CPD
Power Dissipation
0.9 to 3.60
8
pF
VI = 0V or VCC,
Capacitance
f
= 10 MHz


Similar Part No. - NC7SP158

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP158 FAIRCHILD-NC7SP158 Datasheet
175Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
NC7SP158L6X FAIRCHILD-NC7SP158L6X Datasheet
175Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
NC7SP158P6X FAIRCHILD-NC7SP158P6X Datasheet
175Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
NC7SP158 FAIRCHILD-NC7SP158_04 Datasheet
175Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
More results

Similar Description - NC7SP158

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP158 FAIRCHILD-NC7SP158_04 Datasheet
175Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
NC7SP157 FAIRCHILD-NC7SP157 Datasheet
176Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
NC7SV158 FAIRCHILD-NC7SV158 Datasheet
185Kb / 9P
   TinyLogic ULP-A 2-Input Inverting Multiplexer
NC7SP157 FAIRCHILD-NC7SP157_04 Datasheet
179Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
NC7SV158 FAIRCHILD-NC7SV158_04 Datasheet
175Kb / 9P
   TinyLogic ULP-A 2-Input Inverting Multiplexer
logo
ON Semiconductor
NC7SP157 ONSEMI-NC7SP157 Datasheet
284Kb / 11P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
Revised March 2004
logo
Fairchild Semiconductor
NC7SV157 FAIRCHILD-NC7SV157 Datasheet
177Kb / 9P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SP157 ONSEMI-NC7SP157_V01 Datasheet
298Kb / 10P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
February, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV157 FAIRCHILD-NC7SV157_04 Datasheet
179Kb / 9P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SV157 ONSEMI-NC7SV157 Datasheet
284Kb / 11P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
Revised March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com