Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-304UAC2L-1A Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-304UAC2L-1A
Description  3mm Round With Flange Type Ultra Yellow Orange LED Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-304UAC2L-1A Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-304UAC2L-1A Datasheet HTML 1Page - Lucky Light Electronic LL-304UAC2L-1A Datasheet HTML 2Page - Lucky Light Electronic LL-304UAC2L-1A Datasheet HTML 3Page - Lucky Light Electronic LL-304UAC2L-1A Datasheet HTML 4Page - Lucky Light Electronic LL-304UAC2L-1A Datasheet HTML 5Page - Lucky Light Electronic LL-304UAC2L-1A Datasheet HTML 6Page - Lucky Light Electronic LL-304UAC2L-1A Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Luckylight
Spec No: B308 X465
Rev No: V.2
Date: Sep/17/2009
Page: 2 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
http://www.luckylightled.com
Features:
Choice of various viewing angles.
Available on tape and reel.
Reliable and robust.
The product itself will remain within RoHS compliant Version.
Descriptions:
The series is specially designed for applications requiring higher brightness
The LED lamps are available with different colors, intensities.
Applications:
TV set.
Monitor.
Telephone.
Computer.
Circuit board.
Choice of various color.
Available on tape and reel.
Reliable and robust.
The product itself will remain within RoHS compliant Version.
The series is specially designed for applications requiring higher brightness
The LED lamps are available with different colors, intensities.
TV set.
Monitor.
Telephone.
Computer.
Circuit board.


Similar Part No. - LL-304UAC2L-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304UAC2L-1A LUCKY-LIGHT-LL-304UAC2L-1A Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
LL-304UAC2L-1A LUCKY-LIGHT-LL-304UAC2L-1A_15 Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
More results

Similar Description - LL-304UAC2L-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304UAC4B-2AD LUCKY-LIGHT-LL-304UAC4B-2AD Datasheet
134Kb / 7P
   3mm Round With Flange Type Ultra Yellow Orange LED Technical Data Sheet
LL-304UAC4B-3AD LUCKY-LIGHT-LL-304UAC4B-3AD Datasheet
134Kb / 7P
   3mm Round With Flange Type Ultra Yellow Orange LED Technical Data Sheet
LL-304UAC2L-2A LUCKY-LIGHT-LL-304UAC2L-2A Datasheet
134Kb / 7P
   3mm Round With Flange Type Ultra Yellow Orange LED Technical Data Sheet
LL-304UAC4B-1AD LUCKY-LIGHT-LL-304UAC4B-1AD Datasheet
134Kb / 7P
   3mm Round With Flange Type Ultra Yellow Orange LED Technical Data Sheet
LL-304UYC2L-Y2-4G LUCKY-LIGHT-LL-304UYC2L-Y2-4G Datasheet
134Kb / 7P
   3mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-304UYC4B-Y2-3AD LUCKY-LIGHT-LL-304UYC4B-Y2-3AD Datasheet
133Kb / 7P
   3mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-304UYC4B-Y2-4GD LUCKY-LIGHT-LL-304UYC4B-Y2-4GD Datasheet
133Kb / 7P
   3mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-304UYC4B-Y2-TSD LUCKY-LIGHT-LL-304UYC4B-Y2-TSD Datasheet
133Kb / 7P
   3mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-304UYC2L-Y2-2B LUCKY-LIGHT-LL-304UYC2L-Y2-2B Datasheet
134Kb / 7P
   3mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-304UYC2L-Y2-3A LUCKY-LIGHT-LL-304UYC2L-Y2-3A Datasheet
134Kb / 7P
   3mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com