Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP32 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SP32
Description  TinyLogic ULP 2-Input OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP32 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NC7SP32 Datasheet HTML 1Page - Fairchild Semiconductor NC7SP32 Datasheet HTML 2Page - Fairchild Semiconductor NC7SP32 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP32 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP32 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP32 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP32 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP32 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP32 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7SP32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP32 FAIRCHILD-NC7SP32 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input OR Gate
logo
ON Semiconductor
NC7SP32 ONSEMI-NC7SP32 Datasheet
389Kb / 11P
   TinyLogic ULP 2-Input OR Gate
Revised March 2004
NC7SP32 ONSEMI-NC7SP32 Datasheet
298Kb / 9P
   TinyLogic ULP-A OR Gate
February, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SP32L6X FAIRCHILD-NC7SP32L6X Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input OR Gate
logo
ON Semiconductor
NC7SP32L6X ONSEMI-NC7SP32L6X Datasheet
389Kb / 11P
   TinyLogic ULP 2-Input OR Gate
Revised March 2004
More results

Similar Description - NC7SP32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SP32 ONSEMI-NC7SP32 Datasheet
389Kb / 11P
   TinyLogic ULP 2-Input OR Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7SP32 FAIRCHILD-NC7SP32_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input OR Gate
NC7SV32 FAIRCHILD-NC7SV32_04 Datasheet
296Kb / 9P
   TinyLogic ULP-A 2-Input OR Gate
NC7SP86 FAIRCHILD-NC7SP86_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input Exclusive OR Gate
NC7WP32 FAIRCHILD-NC7WP32 Datasheet
203Kb / 9P
   TinyLogic ULP Dual 2-Input OR Gate
NC7SP86 FAIRCHILD-NC7SP86 Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input Exclusive OR Gate
NC7SV32 FAIRCHILD-NC7SV32 Datasheet
306Kb / 9P
   TinyLogic ULP-A 2-Input OR Gate
logo
ON Semiconductor
NC7SV32 ONSEMI-NC7SV32_V01 Datasheet
388Kb / 10P
   TinyLogic ULP-A 2-Input OR Gate
February, 2021 ??Rev. 2
NC7SP86 ONSEMI-NC7SP86 Datasheet
390Kb / 11P
   TinyLogic ULP 2-Input Exclusive OR Gate
Revised March 2004
NC7SV32 ONSEMI-NC7SV32 Datasheet
603Kb / 13P
   TinyLogic ULP-A 2-Input OR Gate
December 2010 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com