Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8816CEDAADJZ Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8816CEDAADJZ
Description  1.5A CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8816CEDAADJZ Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8816CEDAADJZ Datasheet HTML 6Page - Analog Microelectronics AME8816CEDAADJZ Datasheet HTML 7Page - Analog Microelectronics AME8816CEDAADJZ Datasheet HTML 8Page - Analog Microelectronics AME8816CEDAADJZ Datasheet HTML 9Page - Analog Microelectronics AME8816CEDAADJZ Datasheet HTML 10Page - Analog Microelectronics AME8816CEDAADJZ Datasheet HTML 11Page - Analog Microelectronics AME8816CEDAADJZ Datasheet HTML 12Page - Analog Microelectronics AME8816CEDAADJZ Datasheet HTML 13Page - Analog Microelectronics AME8816CEDAADJZ Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AME
10
1.5A CMOS LDO
AME8816
Rev. H.04
The AME8816 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error ampli-
fier compares the output voltage to a precision reference.
Over-current and Thermal shutdown circuits become ac-
tive when the junction temperature exceeds 140oC, or
the current exceeds 2.2A. During thermal shutdown, the
output voltage remains low. Normal operation is restored
when the junction temperature drops below 120oC.
The AME8816 behaves like a current source when the
load reaches 2.2A. However, if the load impedance drops
below 0.3 ohms, the current drops back to 600mA to
prevent excessive power dissipation. Normal operation
is restored when the load resistance exceeds 0.75 ohms.
n Detailed Description
n External Capacitors
The AME8816 is stable with an output capacitor to
ground of 4.7
µF or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Con-
versely, Aluminum Electrolytic capacitors exhibit the high-
est ESR, resulting in the poorest AC response. Unfortu-
nately, large value ceramic capacitors are comparatively
expensive. One option is to parallel a 0.1
µF ceramic
capacitor with a 10
µF Aluminum Electrolytic. The benefit
is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the in-
put and ground to stabilize Vin. The input capacitor should
be at least 0.1
µF to have a beneficial effect.
A third capacitor can be connected between the BY-
PASS pin and GND. This capacitor can be a low cost
Polyester Film variety between the value of 0.001 ~
0.01
µF. A larger capacitor improves the AC ripple rejec-
tion, but also makes the output come up slowly. This
"Soft" turn-on is desirable in some applications to limit
turn-on surges.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable. This
can be achieved with a "Star" connection.
n Enable
When pulled low, the PMOS pass transistor shuts off,
and all internal circuits are powered down. In this state,
the quiescent current is less than 1
µA. This pin behaves
much like an electronic switch.
100Kohm resistor is necessary between V
EN source
and EN pin when V
EN is higher than VIN.
(Note: There is no internal pull-up for EN PIN.)
n Adjustable Version
The adjustable version uses external feedback resis-
tors to generate an output voltage anywhere from 1.5V to
5.0V. Vadj is trimmed to 1.242V and VOUT is given by
the equation:
VOUT = Vadj ( 1 + R1 / R2 )
Feedback resistors R1 and R2 should be high enough
to keep quiescent current low, but increasing R1 + R2
will reduce stability. In general, R1 and R2 in the 10
’s of
k
Ω will produce adequate stability, given reasonable lay-
out precautions. To improve stability characteristics, keep
parasitics on the ADJ pin to a minimum, and lower R1
and R2 values.


Similar Part No. - AME8816CEDAADJZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816CEHAADJ AME-AME8816CEHAADJ Datasheet
112Kb / 14P
   1.5A CMOS LDO
More results

Similar Description - AME8816CEDAADJZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com