Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8865ADA100 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8865ADA100
Description  1.5A CMOS LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8865ADA100 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8865ADA100 Datasheet HTML 1Page - Analog Microelectronics AME8865ADA100 Datasheet HTML 2Page - Analog Microelectronics AME8865ADA100 Datasheet HTML 3Page - Analog Microelectronics AME8865ADA100 Datasheet HTML 4Page - Analog Microelectronics AME8865ADA100 Datasheet HTML 5Page - Analog Microelectronics AME8865ADA100 Datasheet HTML 6Page - Analog Microelectronics AME8865ADA100 Datasheet HTML 7Page - Analog Microelectronics AME8865ADA100 Datasheet HTML 8Page - Analog Microelectronics AME8865ADA100 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
AME
1
AME8865
1.5A CMOS LDO
Rev. A.04
n
Typical Application
The AME8865 family of positive, CMOS linear regula-
tors, provide low dropout voltage (400mV @ 1.5A) and
excellent PSRR, thus making them ideal for power-sav-
ing systems. These rugged devices have both Thermal
Shutdown, and Current limit to prevent device failure un-
der the "Worst" of operating conditions.
The AME8865 is stable with an output capacitance of
4.7
µF or larger.
n
General Description
n
Features
n
Applications
l
400mV Dropout @1.5A
l
Excellent Line and Load Regulation
l
Guaranteed 1.5A Output Current
l
Fixed Output Voltage: 1V to 3.3V
l
Adjustable Output Voltage from 0.8V to 4.5V
l
Over Temperature/Over Current Protection
l
RoHS Compliant and 100%Lead (Pb)-Free
l
Motherboard, Desktop and Computer Perip-
herals
l
LCD Monitor
l
Handheld Device
l
Data-Communication
C1
4.7
µF
IN
C2
4.7
µF
OUT
( Fixed Version )
AME8865
GND
IN
OUT
(Adjustable Version )
AME8865
GND
ADJ
IN
OUT
EN
C1
4.7
µF
IN
R1
R2
C2
4.7
µF
OUT


Similar Part No. - AME8865ADA100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8861 AME-AME8861 Datasheet
148Kb / 9P
   600mA CMOS LDO
AME8861AEEV180L AME-AME8861AEEV180L Datasheet
184Kb / 13P
   600mA CMOS LDO
AME8861AEEV180Y AME-AME8861AEEV180Y Datasheet
184Kb / 13P
   600mA CMOS LDO
AME8861AEEV180Z AME-AME8861AEEV180Z Datasheet
184Kb / 13P
   600mA CMOS LDO
AME8861AEEV250L AME-AME8861AEEV250L Datasheet
148Kb / 9P
   600mA CMOS LDO
More results

Similar Description - AME8865ADA100

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com