Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4230QA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS4230QA
Description  30 V, 2 A NPN low VCEsat (BISS) transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4230QA Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS4230QA Datasheet HTML 1Page - NXP Semiconductors PBSS4230QA Datasheet HTML 2Page - NXP Semiconductors PBSS4230QA Datasheet HTML 3Page - NXP Semiconductors PBSS4230QA Datasheet HTML 4Page - NXP Semiconductors PBSS4230QA Datasheet HTML 5Page - NXP Semiconductors PBSS4230QA Datasheet HTML 6Page - NXP Semiconductors PBSS4230QA Datasheet HTML 7Page - NXP Semiconductors PBSS4230QA Datasheet HTML 8Page - NXP Semiconductors PBSS4230QA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NXP Semiconductors
PBSS4230QA
30 V, 2 A NPN low VCEsat (BISS) transistor
PBSS4230QA
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
23 August 2013
3 / 17
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
30
V
VCEO
collector-emitter voltage
open base
-
30
V
VEBO
emitter-base voltage
open collector
-
7
V
IC
collector current
-
2
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
3
A
IB
base current
-
0.3
A
IBM
peak base current
single pulse; tp ≤ 1 ms
-
1
A
[1]
-
325
mW
[2]
-
600
mW
[3]
-
740
mW
[4]
-
540
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[5]
-
1000
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 PCB single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated mounting pad for collector 1 cm2.
[3] Device mounted on an FR4 PCB, single-sided copper, tin-plated mounting pad for collector 6 cm2.
[4] Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[5] Device mounted on an FR4 PCB, 4-layer copper, tin-plated mounting pad for collector 1 cm2.


Similar Part No. - PBSS4230QA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4230QA NEXPERIA-PBSS4230QA Datasheet
730Kb / 17P
   30 V, 2 A NPN low VCEsat (BISS) transistor
23 August 2013
More results

Similar Description - PBSS4230QA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4230QA NEXPERIA-PBSS4230QA Datasheet
730Kb / 17P
   30 V, 2 A NPN low VCEsat (BISS) transistor
23 August 2013
PBSS4230T NEXPERIA-PBSS4230T Datasheet
472Kb / 8P
   30 V, 2 A NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4230PAN NEXPERIA-PBSS4230PAN Datasheet
752Kb / 17P
   30 V, 2 A NPN/NPN low VCEsat (BISS) transistor
14 December 2012
logo
NXP Semiconductors
PBSS4230PAN NXP-PBSS4230PAN Datasheet
255Kb / 17P
   30 V, 2 A NPN/NPN low VCEsat (BISS) transistor
14 December 2012
logo
Nexperia B.V. All right...
PBSS4230PANP NEXPERIA-PBSS4230PANP Datasheet
854Kb / 21P
   30 V, 2 A NPN/PNP low VCEsat (BISS) transistor
14 December 2012
logo
NXP Semiconductors
PBSS4230PANP NXP-PBSS4230PANP Datasheet
346Kb / 21P
   30 V, 2 A NPN/PNP low VCEsat (BISS) transistor
14 December 2012
PBSS4130QA NXP-PBSS4130QA Datasheet
265Kb / 17P
   30 V, 1 A NPN low VCEsat (BISS) transistor
28 August 2013
PBSS4330PA PHILIPS-PBSS4330PA Datasheet
165Kb / 15P
   30 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 01-19 April 2010
PBSS303NZ NXP-PBSS303NZ Datasheet
172Kb / 14P
   30 V, 5.5 A NPN low VCEsat (BISS) transistor
Rev. 02-20 November 2009
logo
Nexperia B.V. All right...
PBSS4330PAS NEXPERIA-PBSS4330PAS Datasheet
734Kb / 18P
   30 V, 3 A NPN low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com