Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHQ0603P1N1CT Datasheet(PDF) 6 Page - TDK Electronics

Part # MHQ0603P1N1CT
Description  Inductors for High Frequency Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ0603P1N1CT Datasheet(HTML) 6 Page - TDK Electronics

Back Button MHQ0603P1N1CT Datasheet HTML 2Page - TDK Electronics MHQ0603P1N1CT Datasheet HTML 3Page - TDK Electronics MHQ0603P1N1CT Datasheet HTML 4Page - TDK Electronics MHQ0603P1N1CT Datasheet HTML 5Page - TDK Electronics MHQ0603P1N1CT Datasheet HTML 6Page - TDK Electronics MHQ0603P1N1CT Datasheet HTML 7Page - TDK Electronics MHQ0603P1N1CT Datasheet HTML 8Page - TDK Electronics MHQ0603P1N1CT Datasheet HTML 9Page - TDK Electronics MHQ0603P1N1CT Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
(6/17)
INDUC
T
O
RS
001-01 / 20130929 / inductor_high-frequency_mhq_en.fm
• All specifications are subject to change without notice.
MHQ-Pseries 
MHQ0603P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
The " △ " of the Part Number contains the inductance tolerance code, B(±0.1nH), C(±0.2nH), S(±0.3nH), G(±2%), H(±3%)or J(±5%).
The " □□□ " of the Part Number contains the internal code.
Short bar residual inductance =0.556nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
(MHz)
Q
min.
Q measuring
frequency
(MHz)
Self-resonant
frequency
(GHz)
DC resistance
(
: )
Rated current
(mA)
max.
Part No.*
(nH)
Tolerance
min.
typ.
max.
typ.
0.6
±0.1, ±0.2nH
500
500
10.0
20.0
0.07
0.02
1000
MHQ0603P0N6
△T□□□
0.7
±0.1, ±0.2nH
500
500
10.0
20.0
0.07
0.02
1000
MHQ0603P0N7
△T□□□
0.8
±0.1, ±0.2nH
500
500
10.0
20.0
0.07
0.02
1000
MHQ0603P0N8
△T□□□
0.9
±0.1, ±0.2nH
500
500
10.0
18.8
0.07
0.02
1000
MHQ0603P0N9
△T□□□
1.0
±0.1, ±0.2, ±0.3nH 500
500
10.0
19.3
0.07
0.03
1000
MHQ0603P1N0
△T□□□
1.1
±0.1, ±0.2, ±0.3nH 500
500
10.0
19.3
0.07
0.03
1000
MHQ0603P1N1
△T□□□
1.2
±0.1, ±0.2, ±0.3nH 500
500
10.0
20.0
0.08
0.04
1000
MHQ0603P1N2
△T□□□
1.3
±0.1, ±0.2, ±0.3nH 500
500
10.0
20.0
0.10
0.06
800
MHQ0603P1N3
△T□□□
1.4
±0.1, ±0.2, ±0.3nH 500
500
10.0
18.6
0.10
0.06
800
MHQ0603P1N4
△T□□□
1.5
±0.1, ±0.2, ±0.3nH 500
16
500
10.0
19.5
0.10
0.05
800
MHQ0603P1N5
△T□□□
1.6
±0.1, ±0.2, ±0.3nH 500
16
500
10.0
17.5
0.10
0.06
800
MHQ0603P1N6
△T□□□
1.7
±0.1, ±0.2, ±0.3nH 500
16
500
10.0
16.7
0.10
0.07
800
MHQ0603P1N7
△T□□□
1.8
±0.1, ±0.2, ±0.3nH 500
16
500
10.0
15.8
0.12
0.07
700
MHQ0603P1N8
△T□□□
1.9
±0.1, ±0.2, ±0.3nH 500
16
500
10.0
16.1
0.12
0.08
700
MHQ0603P1N9
△T□□□
2.0
±0.1, ±0.2, ±0.3nH 500
16
500
10.0
13.8
0.12
0.08
700
MHQ0603P2N0
△T□□□
2.1
±0.1, ±0.2, ±0.3nH 500
16
500
10.0
12.7
0.15
0.08
700
MHQ0603P2N1
△T□□□
2.2
±0.1, ±0.2, ±0.3nH 500
16
500
10.0
13.2
0.15
0.09
700
MHQ0603P2N2
△T□□□
2.3
±0.1, ±0.2, ±0.3nH 500
16
500
10.0
12.5
0.15
0.08
700
MHQ0603P2N3
△T□□□
2.4
±0.1, ±0.2, ±0.3nH 500
16
500
8.0
11.7
0.15
0.08
700
MHQ0603P2N4
△T□□□
2.5
±0.1, ±0.2, ±0.3nH 500
16
500
8.0
11.1
0.25
0.17
500
MHQ0603P2N5
△T□□□
2.6
±0.1, ±0.2, ±0.3nH 500
16
500
8.0
11.1
0.25
0.16
500
MHQ0603P2N6
△T□□□
2.7
±0.1, ±0.2, ±0.3nH 500
16
500
8.0
10.5
0.25
0.16
500
MHQ0603P2N7
△T□□□
2.8
±0.1, ±0.2, ±0.3nH 500
16
500
8.0
10.6
0.25
0.18
500
MHQ0603P2N8
△T□□□
2.9
±0.1, ±0.2, ±0.3nH 500
16
500
8.0
10.8
0.30
0.19
450
MHQ0603P2N9
△T□□□
3.0
±0.1, ±0.2, ±0.3nH 500
16
500
8.0
10.3
0.30
0.19
450
MHQ0603P3N0
△T□□□
3.1
±0.1, ±0.2, ±0.3nH 500
16
500
8.0
10.5
0.30
0.19
450
MHQ0603P3N1
△T□□□
3.2
±0.1, ±0.2, ±0.3nH 500
16
500
7.0
9.5
0.20
0.13
550
MHQ0603P3N2
△T□□□
3.3
±0.1, ±0.2, ±0.3nH 500
16
500
7.0
9.6
0.25
0.15
500
MHQ0603P3N3
△T□□□
3.4
±0.1, ±0.2, ±0.3nH 500
16
500
6.5
9.3
0.25
0.14
500
MHQ0603P3N4
△T□□□
3.5
±0.1, ±0.2, ±0.3nH 500
16
500
6.5
9.5
0.25
0.17
500
MHQ0603P3N5
△T□□□
3.6
±0.1, ±0.2, ±0.3nH 500
16
500
6.5
9.1
0.25
0.16
500
MHQ0603P3N6
△T□□□
3.7
±0.1, ±0.2, ±0.3nH 500
16
500
6.5
9.1
0.25
0.17
450
MHQ0603P3N7
△T□□□
3.8
±0.1, ±0.2, ±0.3nH 500
16
500
6.5
9.1
0.30
0.19
450
MHQ0603P3N8
△T□□□
3.9
±0.1, ±0.2, ±0.3nH 500
16
500
6.5
9.2
0.35
0.23
400
MHQ0603P3N9
△T□□□
4.0
±0.1, ±0.2, ±0.3nH 500
16
500
6.0
8.5
0.35
0.26
400
MHQ0603P4N0
△T□□□
4.1
±0.1, ±0.2, ±0.3nH 500
16
500
6.0
8.3
0.35
0.22
400
MHQ0603P4N1
△T□□□
4.2
±0.1, ±0.2, ±0.3nH 500
16
500
6.0
8.2
0.35
0.23
400
MHQ0603P4N2
△T□□□
4.3
±0.2, ±0.3nH, ±3% 500
16
500
6.0
8.2
0.35
0.23
400
MHQ0603P4N3
△T□□□
4.7
±0.2, ±0.3nH, ±3% 500
16
500
5.5
7.9
0.40
0.25
350
MHQ0603P4N7
△T□□□
5.1
±0.2, ±0.3nH, ±3% 500
16
500
5.5
7.8
0.40
0.24
350
MHQ0603P5N1
△T□□□
5.6
±0.2, ±0.3nH, ±3% 500
16
500
5.0
7.1
0.40
0.29
350
MHQ0603P5N6
△T□□□
6.2
±0.3nH, ±3%
500
16
500
4.0
6.7
0.70
0.52
300
MHQ0603P6N2
△T□□□
Measurement item
Product No.
Manufacturer
L, Q
4991A+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MHQ0603P1N1CT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0603P1N1CT000 TDK-MHQ0603P1N1CT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P1N1CT000 TDK-MHQ0603P1N1CT000_17 Datasheet
131Kb / 3P
   Inductors (Coils)
MHQ0603P1N1CTD25 TDK-MHQ0603P1N1CTD25 Datasheet
222Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - MHQ0603P1N1CT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P TDK-MLG0603P Datasheet
59Kb / 3P
   Inductors for High-frequency Circuits
NLV25T-101J-PF TDK-NLV25T-101J-PF Datasheet
334Kb / 43P
   Inductors for High Frequency Circuits
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com