Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S44-UM18B Datasheet(PDF) 11 Page - Analog Devices

Part # AD2S44-UM18B
Description  Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S44-UM18B Datasheet(HTML) 11 Page - Analog Devices

Back Button AD2S44-UM18B Datasheet HTML 4Page - Analog Devices AD2S44-UM18B Datasheet HTML 5Page - Analog Devices AD2S44-UM18B Datasheet HTML 6Page - Analog Devices AD2S44-UM18B Datasheet HTML 7Page - Analog Devices AD2S44-UM18B Datasheet HTML 8Page - Analog Devices AD2S44-UM18B Datasheet HTML 9Page - Analog Devices AD2S44-UM18B Datasheet HTML 10Page - Analog Devices AD2S44-UM18B Datasheet HTML 11Page - Analog Devices AD2S44-UM18B Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
AD2S44
Rev. B | Page 11 of 12
OUTLINE DIMENSIONS
NOTES:
1. INDEX AREA IS INDICATED BY A NOTCH OR LEAD ONE
IDENTIFICATION MARK LOCATED ADJACENT TO LEAD ONE.
2. CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.023 (0.58)
0.014 (0.36)
0.910 (23.11)
0.890 (22.61)
1
16
17
32
1.728 (43.89) MAX
0.225 (5.72)
MAX
0.025 (0.64)
0.015 (0.38)
0.015 (0.38)
0.008 (0.20)
1.102 (27.99)
1.079 (27.41)
0.100 (2.54)
BSC
0.070 (1.78)
0.030 (0.76)
0.120 (3.05)
MAX
PIN 1
INDICATOR
(NOTE 1)
0.192 (4.88)
0.152 (3.86)
0.206 (5.23)
0.186 (4.72)
0.025 (0.64)
MIN
Figure 10. 32-Lead Bottom-Brazed Ceramic DIP for Hybrid [BBDIP_H]
(DH-32E)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD2S44–TM11B
−55°C to +125°C
32-Lead Bottom-Brazed Ceramic DIP for Hybrid [BBDIP_H]
DH-32E
AD2S44–TM12B
−55°C to +125°C
32-Lead Bottom-Brazed Ceramic DIP for Hybrid [BBDIP_H]
DH-32E
AD2S44–TM18B
−55°C to +125°C
32-Lead Bottom-Brazed Ceramic DIP for Hybrid [BBDIP_H]
DH-32E
AD2S44–UM18B
−55°C to +125°C
32-Lead Bottom-Brazed Ceramic DIP for Hybrid [BBDIP_H]
DH-32E
ORDERING INFORMATION
When ordering, the converter part numbers are to be suffixed by
a two-letter code defining the accuracy grade, and a two digit
numeric code defining the signal/reference voltage and frequency.
All the standard options, and their option codes, are shown in
Figure 11. For nonstandard configurations, contact Analog
Devices.
For example, the AD2S44–TM12B is the correct part number
for a component that operates with 90 V signal, 115 V reference
synchro format inputs and yields a ±4.0 arc minutes accuracy
over the −55°C to +125°C temperature range processed to high
reliability standards.
AD2S44-
BASE PART
NUMBER
HIGH-REL PROCESSING
XM
Y
B
Z
*MODEL IS OBSOLETE AND NO LONGER AVAILABLE.
Z = 0*
SIGNAL, 2V REFERENCE, 2V RESOLVER
Z = 1
SIGNAL, 11.8V REFERENCE, 26V SYNCHRO
Z = 2
SIGNAL, 90V REFERENCE, 115V SYNCHRO
Z = 3*
SIGNAL, 11.8V REFERENCE, 11.8V RESOLVER
Z = 4*
SIGNAL, 26V REFERENCE, 26V RESOLVER
BASE PART
Z = 8
SIGNAL, 11.8V REFERENCE, 26V RESOLVER
Y = 1
400Hz TO 2.6kHz REFERENCE FREQUENCY
X = U
–55°C TO +125°C OPERATING TEMPERATURE
RANGE
±4.0 ARC MIN ACCURACY
±2.6 ARC MIN ACCURACY (–25°C TO +85°C)
X = T
–55°C TO +125°C OPERATING TEMPERATURE
RANGE±4.0 ARC MIN ACCURACY
X = S*
–55°C TO +125°C OPERATING TEMPERATURE
RANGE±5.2 ARC MIN ACCURACY
Figure 11.


Similar Part No. - AD2S44-UM18B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S44-UM18B AD-AD2S44-UM18B Datasheet
338Kb / 13P
   Dual Channel Synchro/Resolver-to-Digital Converter
More results

Similar Description - AD2S44-UM18B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
   LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
AD2S44 AD-AD2S44_17 Datasheet
338Kb / 13P
   Dual Channel Synchro/Resolver-to-Digital Converter
SDC-RDC1700 AD-SDC-RDC1700_15 Datasheet
2Mb / 6P
   LOW PROFILE SYNCHRO RESOLVER TO DIGITAL CONVERTER
SDC1768 AD-SDC1768 Datasheet
711Kb / 6P
   12- AND 14- BIT HYBRID SYNCHRO / RESOLVER TO DIGITAL CONVERTERS
SDC174A411 AD-SDC174A411 Datasheet
3Mb / 8P
   12-and 14-bit hybrid Synchro/Resolver-to Digital Converters
SDC1768 AD-SDC1768_15 Datasheet
2Mb / 6P
   12 AND 14 BIT HYBRID SYNCHRO RESOLVER TO DIGITAL CONVERTERS
SDC1740 AD-SDC1740 Datasheet
363Kb / 8P
   12- and 14-Bit Hybrid Synchro/ Resolver-to-Digital Converters
REV. A
RDC1740-418B AD-RDC1740-418B Datasheet
3Mb / 8P
   12-and 14-Bit Hybrid Synchro/Resolver-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com