Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7ST04 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7ST04
Description  TinyLogic HST Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7ST04 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7ST04 Datasheet HTML 1Page - Fairchild Semiconductor NC7ST04 Datasheet HTML 2Page - Fairchild Semiconductor NC7ST04 Datasheet HTML 3Page - Fairchild Semiconductor NC7ST04 Datasheet HTML 4Page - Fairchild Semiconductor NC7ST04 Datasheet HTML 5Page - Fairchild Semiconductor NC7ST04 Datasheet HTML 6Page - Fairchild Semiconductor NC7ST04 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS012185
www.fairchildsemi.com
February 1997
Revised June 2000
NC7ST04
TinyLogic
 HST Inverter
General Description
The NC7ST04 is a single high performance CMOS
Inverter, with TTL-compatible inputs. Advanced Silicon
Gate CMOS fabrication assures high speed and low power
circuit operation. ESD protection diodes inherently guard
both input and output with respect to the VCC and GND
rails. High gain circuitry offers high noise immunity and
reduced sensitivity to input edge rate. The TTL-compatible
input facilitates TTL to NMOS/CMOS interfacing. Device
performance is similar to MM74HCT but with ½ the output
current drive of HC/HCT.
Features
s Space saving SOT23 or SC70 5-lead package
s High Speed; tPD <7 ns typ, VCC = 5V, CL = 15 pF
s Low Quiescent Power; ICC <1 µA typ, VCC = 5.5V
s Balanced Output Drive; 2 mA IOL, −2 mA IOH
s TTL-compatible inputs
Ordering Code:
Logic Symbol
IEEE/IEC
Connection Diagram
(Top View)
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
TinyLogic
 is a trademark of Fairchild Semiconductor Corporation.
Order
Package
Product Code
Package Description
Supplied As
Number
Number
Top Mark
NC7ST04M5
MA05B
8S04
5-Lead SOT23, JEDEC MO-178, 1.6mm
250 Units on Tape and Reel
NC7ST04M5X
MA05B
8S04
5-Lead SOT23, JEDEC MO-178, 1.6mm
3k Units on Tape and Reel
NC7ST04P5
MAA05A
T04
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
250 Units on Tape and Reel
NC7ST04P5X
MAA05A
T04
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
Pin Names
Description
A
Input
Y
Output
NC
No Connect
Y
= A
Input
Output
AY
LH
HL


Similar Part No. - NC7ST04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7ST04 FAIRCHILD-NC7ST04 Datasheet
152Kb / 8P
   TinyLogic HST Inverter
logo
ON Semiconductor
NC7ST04 ONSEMI-NC7ST04 Datasheet
256Kb / 10P
   TinyLogic HST Inverter
Revised August 2004
NC7ST04 ONSEMI-NC7ST04 Datasheet
218Kb / 6P
   TinyLogic HST Inverter
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7ST04L6X FAIRCHILD-NC7ST04L6X Datasheet
152Kb / 8P
   TinyLogic HST Inverter
logo
ON Semiconductor
NC7ST04L6X ONSEMI-NC7ST04L6X Datasheet
256Kb / 10P
   TinyLogic HST Inverter
Revised August 2004
More results

Similar Description - NC7ST04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7ST04 ONSEMI-NC7ST04 Datasheet
256Kb / 10P
   TinyLogic HST Inverter
Revised August 2004
NC7ST04 ONSEMI-NC7ST04_V01 Datasheet
218Kb / 6P
   TinyLogic HST Inverter
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7ST04 FAIRCHILD-NC7ST04_04 Datasheet
152Kb / 8P
   TinyLogic HST Inverter
logo
ON Semiconductor
NC7ST08 ONSEMI-NC7ST08 Datasheet
527Kb / 11P
   TinyLogic HST 2-Input AND Gate
Revised August 2004
logo
Fairchild Semiconductor
NC7ST00 FAIRCHILD-NC7ST00_04 Datasheet
153Kb / 8P
   TinyLogic HST 2-Input NAND Gate
NC7ST02 FAIRCHILD-NC7ST02_04 Datasheet
153Kb / 8P
   TinyLogic HST 2-Input NOR Gate
logo
ON Semiconductor
NC7ST00 ONSEMI-NC7ST00_V01 Datasheet
300Kb / 8P
   TinyLogic HST 2-Input NAND Gate
April, 2022 ??Rev. 4
NC7ST00 ONSEMI-NC7ST00 Datasheet
258Kb / 10P
   TinyLogic HST 2-Input NAND Gate
Revised August 2004
logo
Fairchild Semiconductor
NC7ST00 FAIRCHILD-NC7ST00 Datasheet
77Kb / 7P
   TinyLogic HST 2-Input NAND Gate
NC7ST08 FAIRCHILD-NC7ST08 Datasheet
78Kb / 7P
   TinyLogic HST 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com