Electronic Components Datasheet Search |
|
AD664JN-BIP Datasheet(PDF) 7 Page - Analog Devices |
|
AD664JN-BIP Datasheet(HTML) 7 Page - Analog Devices |
7 / 23 page AD664 REV. –7– Multiplying Mode Performance Figure 6 illustrates the typical open-loop gain and phase perfor- mance of the output amplifiers of the AD664. 0 +5 +20 +15 +10 10k 100k 1M 0 +45 +90 FREQUENCY – H z GAIN PHASE Figure 6. Gain and Phase Performance of AD664 Outputs Crosstalk Crosstalk is a spurious signal on one DAC output caused by a change in the output of one or more of the other DACs. Crosstalk can be induced by capacitive, thermal or load current induced feedthrough. Figure 7 shows typical crosstalk. DAC B is set to output 0 volts. The outputs of DAC A, C and D switch 2 k Ω loads from 10 V to 0 V. The first disturbance in the output of DAC B is caused by digital feedthrough from the input data lows. The second disturbance is caused by analog feedthrough from the other DAC outputs. Figure 7. Output Crosstalk Output Noise Wideband output noise is shown in Figure 8. This measurement was made with a 7 MHz noise bandwidth, gain = 1 and all bits on. The total rms noise is approximately one fifth the visual peak-to-peak noise. DIGITAL INTERFACE As Table II shows, the AD664 makes a wide variety of operating modes available to the user. These modes are accessed or pro- grammed through the high speed digital port of the quad DAC. On-board registers program and store the DAC input codes and the DAC operating mode data. All registers are double-buffered to allow for simultaneous updating of all outputs. Register data may be read back to verify the respective contents. The digital port also allows transparent operation. Data from the input pins can be sent directly through both ranks of latches to the DAC. Figure 8. Typical Output Noise Partial address decoding is performed by the DS0, DS1, QS0, QS1 and QS2 address bits. QS0, QS1 and QS2 allow the 44-pin versions of the AD664 to be addressed in 4-bit nibble, 8-bit byte or 12-bit parallel words. The RST pin provides a simple method to reset all output voltages to zero. Its advantages are speed and low software overhead. INPUT DATA In general, two types of data will be input to the registers of the AD664, input code data and mode select data. Input code data sets the DAC inputs while the mode select data sets the gain and range of each DAC. The versatile I/O port of the AD664 allows many different types of data input schemes. For example, the input code for just one of the DACs may be loaded and the output may or may not be updated. Or, the input codes for all four DACs may be written, and the outputs may or may not be updated. The same applies for MODE SELECTION. The mode of just one or many of the DACs may be rewritten and the user can choose to immediately update the outputs or wait until a later time to transfer the mode information to the outputs. A user may also write both input code and mode information into their respective first ranks and then update all second ranks at once. Finally, transparent operation allows data to be transferred from the inputs to the outputs using a single control line. This feature is useful, for example, in a situation where one of the DACs is used in an A/D converter. The SAR register could be connected directly to a DAC by using the transparent mode of operation. Another use for this feature would be during system calibration where the endpoints of the transfer function of each DAC would be measured. For example, if the full-scale voltages of each DAC were to be measured, then by making all four DACs transparent and putting all “1s” on the input port, all four DACs would be at full-scale. This requires far less software overhead than loading each register individually. D |
Similar Part No. - AD664JN-BIP |
|
Similar Description - AD664JN-BIP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |