Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8826BEHA330Z Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8826BEHA330Z
Description  1.55A CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8826BEHA330Z Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8826BEHA330Z Datasheet HTML 7Page - Analog Microelectronics AME8826BEHA330Z Datasheet HTML 8Page - Analog Microelectronics AME8826BEHA330Z Datasheet HTML 9Page - Analog Microelectronics AME8826BEHA330Z Datasheet HTML 10Page - Analog Microelectronics AME8826BEHA330Z Datasheet HTML 11Page - Analog Microelectronics AME8826BEHA330Z Datasheet HTML 12Page - Analog Microelectronics AME8826BEHA330Z Datasheet HTML 13Page - Analog Microelectronics AME8826BEHA330Z Datasheet HTML 14Page - Analog Microelectronics AME8826BEHA330Z Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AME
11
AME8826
1.55A CMOS LDO
Rev.D.04
Load Step 40mA to 1.5A
Dropout Voltage vs. Load Current(2.5V)
Line Transient Response
Load Regulation vs. Temperature
Current Limit Response
AME8826CEHAADJ vs. Temperature
Time 1mS/DIV
I
LIM
I
SC
0A
0V
V
IN = 5V
C
IN = 4.7µ F
C
OUT = 4.7µF
Time 500
µS/DIV
0A
C
IN = 4.7µF
C
OUT = 4.7µF
V
IN = 4.0V
V
OUT = 1.8V
Time (20
µS/DIV)
C
IN = 4.7µF
C
OUT = 4.7µF
T
R = TF = 1µS
V
OUT = 1.5V
0V
Temperature (oC)
1.235
1.236
1.237
1.238
1.239
1.240
1.241
1.242
1.243
1.244
-45
-5
25
55
85
115
0
50
100
150
200
250
300
350
400
0.3
0.6
0.9
1.2
1.5
115 oC
85 oC
55 oC
25 oC
-5 oC
-45 oC
Load Current (A)
Temperature (oC)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-45
-5
25
55
85
115
1mS/DIV
Time 500
µ S/DIV
(A)


Similar Part No. - AME8826BEHA330Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826BEHAADJ AME-AME8826BEHAADJ Datasheet
212Kb / 14P
   1.55A CMOS LDO
More results

Similar Description - AME8826BEHA330Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826 AME-AME8826 Datasheet
212Kb / 14P
   1.55A CMOS LDO
logo
GTM CORPORATION
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
   1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
   CMOS LDO
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
   CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com