Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7ST04P5 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7ST04P5
Description  TinyLogic HST Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7ST04P5 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7ST04P5 Datasheet HTML 1Page - Fairchild Semiconductor NC7ST04P5 Datasheet HTML 2Page - Fairchild Semiconductor NC7ST04P5 Datasheet HTML 3Page - Fairchild Semiconductor NC7ST04P5 Datasheet HTML 4Page - Fairchild Semiconductor NC7ST04P5 Datasheet HTML 5Page - Fairchild Semiconductor NC7ST04P5 Datasheet HTML 6Page - Fairchild Semiconductor NC7ST04P5 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Tape and Reel Specification
TAPE FORMAT
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
M5, P5
Carrier
250
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Leader (Start End)
125 (typ)
Empty
Sealed
M5X, P5X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-5
8 mm
0.093
0.096
0.138
± 0.004 0.053 ± 0.004
0.157
0.315
± 0.004
(2.35)
(2.45)
(3.5
± 0.10)
(1.35
± 0.10)
(4)
(8
± 0.1)
SOT23-5
8 mm
0.130
0.130
0.138
± 0.002 0.055 ± 0.004
0.157
0.315
± 0.012
(3.3)
(3.3)
(3.5
± 0.05)
(1.4
± 0.11)
(4)
(8
± 0.3)


Similar Part No. - NC7ST04P5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7ST04P5X FAIRCHILD-NC7ST04P5X Datasheet
152Kb / 8P
   TinyLogic HST Inverter
logo
ON Semiconductor
NC7ST04P5X ONSEMI-NC7ST04P5X Datasheet
256Kb / 10P
   TinyLogic HST Inverter
Revised August 2004
NC7ST04P5X ONSEMI-NC7ST04P5X Datasheet
218Kb / 6P
   TinyLogic HST Inverter
April, 2022 ??Rev. 3
NC7ST04P5X-L22057 ONSEMI-NC7ST04P5X-L22057 Datasheet
218Kb / 6P
   TinyLogic HST Inverter
April, 2022 ??Rev. 3
More results

Similar Description - NC7ST04P5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7ST04 ONSEMI-NC7ST04 Datasheet
256Kb / 10P
   TinyLogic HST Inverter
Revised August 2004
NC7ST04 ONSEMI-NC7ST04_V01 Datasheet
218Kb / 6P
   TinyLogic HST Inverter
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7ST04 FAIRCHILD-NC7ST04_04 Datasheet
152Kb / 8P
   TinyLogic HST Inverter
logo
ON Semiconductor
NC7ST08 ONSEMI-NC7ST08 Datasheet
527Kb / 11P
   TinyLogic HST 2-Input AND Gate
Revised August 2004
logo
Fairchild Semiconductor
NC7ST00 FAIRCHILD-NC7ST00_04 Datasheet
153Kb / 8P
   TinyLogic HST 2-Input NAND Gate
NC7ST02 FAIRCHILD-NC7ST02_04 Datasheet
153Kb / 8P
   TinyLogic HST 2-Input NOR Gate
logo
ON Semiconductor
NC7ST00 ONSEMI-NC7ST00_V01 Datasheet
300Kb / 8P
   TinyLogic HST 2-Input NAND Gate
April, 2022 ??Rev. 4
NC7ST00 ONSEMI-NC7ST00 Datasheet
258Kb / 10P
   TinyLogic HST 2-Input NAND Gate
Revised August 2004
logo
Fairchild Semiconductor
NC7ST00 FAIRCHILD-NC7ST00 Datasheet
77Kb / 7P
   TinyLogic HST 2-Input NAND Gate
NC7ST08 FAIRCHILD-NC7ST08 Datasheet
78Kb / 7P
   TinyLogic HST 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com