Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5425YRM Datasheet(PDF) 5 Page - Analog Devices

Part # AD5425YRM
Description  8-Bit, High Bandwidth Multiplying DAC with Serial Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5425YRM Datasheet(HTML) 5 Page - Analog Devices

  AD5425YRM Datasheet HTML 1Page - Analog Devices AD5425YRM Datasheet HTML 2Page - Analog Devices AD5425YRM Datasheet HTML 3Page - Analog Devices AD5425YRM Datasheet HTML 4Page - Analog Devices AD5425YRM Datasheet HTML 5Page - Analog Devices AD5425YRM Datasheet HTML 6Page - Analog Devices AD5425YRM Datasheet HTML 7Page - Analog Devices AD5425YRM Datasheet HTML 8Page - Analog Devices AD5425YRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD5425
Data Sheet
Rev. C | Page 4 of 24
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Digital THD
Clock = 1 MHz, V
REF = 3.5 V, CCOMP = 1.8 pF
50 kHz f
OUT
70
dB
20 kHz f
OUT
73
dB
Output Noise Spectral Density
25
nV√Hz
@ 1 kHz
SFDR Performance (Wide Band)
Clock = 2 MHz , V
REF = 3.5 V
50 kHz f
OUT
67
dB
20 kHz f
OUT
68
dB
SFDR Performance (Narrow Band)
Clock = 2 MHz, V
REF = 3.5 V
50 kHz f
OUT
73
dB
20 kHz f
OUT
75
dB
Intermodulation Distortion
79
dB
f
1 = 20 kHz, f2 = 25 kHz, clock = 2 MHz,
V
REF = 3.5 V
POWER REQUIREMENTS
Power Supply Range
2.5
5.5
V
I
DD
0.6
µA
T
A = 25°C, logic inputs = 0 V or VDD
0.4
5
µA
Logic inputs = 0 V or V
DD, T = −40°C to +125°C
Power Supply Sensitivity
0.001
%/%
ΔV
DD = ±5%
1 Guaranteed by design and characterization, not subject to production test.


Similar Part No. - AD5425YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5425YRM AD-AD5425YRM Datasheet
417Kb / 20P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5425YRM-REEL AD-AD5425YRM-REEL Datasheet
417Kb / 20P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5425YRM-REEL7 AD-AD5425YRM-REEL7 Datasheet
417Kb / 20P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5425YRMZ AD-AD5425YRMZ Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
AD5425YRMZ-REEL AD-AD5425YRMZ-REEL Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
More results

Similar Description - AD5425YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5425 AD-AD5425 Datasheet
417Kb / 20P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5425 AD-AD5425_15 Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425 AD-AD5425_16 Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com