Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCDPH25GRY Datasheet(PDF) 4 Page - Dubilier

Part # DBCDPH25GRY
Description  D TYPE CONNECTOR HOODS PLASTIC HOODS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCDPH25GRY Datasheet(HTML) 4 Page - Dubilier

  DBCDPH25GRY Datasheet HTML 1Page - Dubilier DBCDPH25GRY Datasheet HTML 2Page - Dubilier DBCDPH25GRY Datasheet HTML 3Page - Dubilier DBCDPH25GRY Datasheet HTML 4Page - Dubilier DBCDPH25GRY Datasheet HTML 5Page - Dubilier DBCDPH25GRY Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
276
D TYPE CONNECTOR HOOD
METALISED PLASTIC HOODS
OUTLINE DRAWING
ORDERING INFORMATION
Top or 45° Cable Entry
Lightweight Construction
Nickel Plated over Copper on ABS
9, 15, 25, 37 or 50* way
*Top Entry Only
DBC
D
Dubilier
Connectors
D style
MPH
Hood Style
MPH =
Metalised Plastic
Hood
MPH45 =
Metalised Plastic
Hood 45°
Nº of Ways
09 = 9ways
15 = 15ways
25 = 25ways
37 = 37ways
*50 = 50ways
09
Shell
A
B
C
D
9 WAY
31.1
35.5
16.3
16.3
15 WAY
39.1
38.8
16.3
16.3
25 WAY
53.1
42.0
18.0
16.3
37 WAY
69.3
46.5
23.0
16.3
50 WAY
67.2
47.1
23.9
19.1
Dimension - mm
Shell
A
B
C
D
9 WAY
31.1
37.2
16.3
16.3
15 WAY
39.1
40.6
16.3
16.3
25 WAY
53.1
44.1
18.0
16.3
37 WAY
69.3
45.7
22.4
16.3
Dimension - mm
A
B
C
D
A
B
C
D
45ϒEntry
Top Entry
A
B
C
D
A
B
C
D
45ϒEntry
Top Entry
Options
Blank = Short
Screw
www.dubilier.co.uk


Similar Part No. - DBCDPH25GRY

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDPH25GRY DUBILIER-DBCDPH25GRY Datasheet
97Kb / 1P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
More results

Similar Description - DBCDPH25GRY

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDPH09BLK DUBILIER-DBCDPH09BLK Datasheet
97Kb / 1P
   D TYPE CONNECTOR HOODS PLASTIC HOODS
DBCDDH09NKL DUBILIER-DBCDDH09NKL Datasheet
96Kb / 1P
   D TYPE CONNECTOR HOODS DIECAST HOODS
DBCDEH1 DUBILIER-DBCDEH1 Datasheet
117Kb / 1P
   D TYPE CONNECTOR HOODS ETHERNET AND THINNERNET HOODS
DBCDMPH09 DUBILIER-DBCDMPH09 Datasheet
111Kb / 1P
   D TYPE CONNECTOR HOOD METALISED PLASTIC HOODS
DBCDPSH09BLK DUBILIER-DBCDPSH09BLK Datasheet
246Kb / 1P
   D TYPE CONNECTOR HOODS PLASTIC SCREW TOGETHER HOOD
DBCDMPHLC09 DUBILIER-DBCDMPHLC09 Datasheet
175Kb / 1P
   D TYPE CONNECTOR HOODS LOW COST METALISED PLASTIC HOOD
logo
FCI connector
8655MH1501 FCI-CONNECTOR-8655MH1501 Datasheet
116Kb / 2P
   SHIELDED HOODS - TWO PART HOODS
8655MH3701 FCI-CONNECTOR-8655MH3701 Datasheet
141Kb / 2P
   SHIELDED HOODS - TWO PART HOODS
C-8655-1685 FCI-CONNECTOR-C-8655-1685 Datasheet
321Kb / 4P
   STRAIGHT METAL HOODS
logo
Assmann Electronics Inc...
A-USBPA-HOOD-R ASSMANN-A-USBPA-HOOD-R Datasheet
176Kb / 1P
   Hoods for USB-Assembly, Type A, Male
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com