Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SU04M5X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SU04M5X
Description  TinyLogic HS Unbuffered Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SU04M5X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SU04M5X Datasheet HTML 1Page - Fairchild Semiconductor NC7SU04M5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SU04M5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SU04M5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SU04M5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SU04M5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SU04M5X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD = (CPD)(VCC)(fIN) + (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
= 1.0 MHz; t
W = 500 ns
FIGURE 1. AC Test Circuit
Input
= AC Waveform;
PRR
= variable; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Fig. No.
(V)
Min
Typ
Max
Min
Max
tPLH,
Propagation Delay
5.0
3
15
ns
CL = 15 pF
Figures
1, 3
tPHL
2.0
17
100
125
CL = 50 pF
3.0
9
27
35
ns
4.5
7
20
25
6.0
6.5
17
21
tTLH,
Output Transition Time
5.0
4
10
ns
CL = 15 pF
Figures
1, 3
tTHL
2.0
25
125
155
CL = 50 pF
3.0
16
35
45
ns
4.5
12
25
31
6.0
10
21
26
CIN
Input Capacitance
Open
2
10
10
pF
CPD
Power Dissipation Capacitance
5.0
4
pF
(Note 3)
Figure 2


Similar Part No. - NC7SU04M5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SU04M5X FAIRCHILD-NC7SU04M5X Datasheet
153Kb / 8P
   TinyLogic HS Unbuffered Inverter
logo
ON Semiconductor
NC7SU04M5X ONSEMI-NC7SU04M5X Datasheet
258Kb / 10P
   TinyLogic HS Unbuffered Inverter
Revised August 2004
NC7SU04M5X ONSEMI-NC7SU04M5X Datasheet
298Kb / 8P
   TinyLogic HS Unbuffered Inverter
April, 2022 ??Rev. 3
More results

Similar Description - NC7SU04M5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SU04 FAIRCHILD-NC7SU04_04 Datasheet
153Kb / 8P
   TinyLogic HS Unbuffered Inverter
logo
ON Semiconductor
NC7SU04 ONSEMI-NC7SU04_V01 Datasheet
298Kb / 8P
   TinyLogic HS Unbuffered Inverter
April, 2022 ??Rev. 3
NC7SU04 ONSEMI-NC7SU04 Datasheet
258Kb / 10P
   TinyLogic HS Unbuffered Inverter
Revised August 2004
logo
Fairchild Semiconductor
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04 Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SPU04 FAIRCHILD-NC7SPU04 Datasheet
306Kb / 9P
   TinyLogic ULP Unbuffered Inverter
NC7NZU04 FAIRCHILD-NC7NZU04 Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
NC7SPU04 FAIRCHILD-NC7SPU04_04 Datasheet
295Kb / 9P
   TinyLogic ULP Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com