Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7495AR-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7495AR-REEL7
Description  1 MSPS,12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7495AR-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7495AR-REEL7 Datasheet HTML 4Page - Analog Devices AD7495AR-REEL7 Datasheet HTML 5Page - Analog Devices AD7495AR-REEL7 Datasheet HTML 6Page - Analog Devices AD7495AR-REEL7 Datasheet HTML 7Page - Analog Devices AD7495AR-REEL7 Datasheet HTML 8Page - Analog Devices AD7495AR-REEL7 Datasheet HTML 9Page - Analog Devices AD7495AR-REEL7 Datasheet HTML 10Page - Analog Devices AD7495AR-REEL7 Datasheet HTML 11Page - Analog Devices AD7495AR-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7475/AD7495
Rev. B | Page 8 of 24
TIMING EXAMPLE 1
With fSCLK = 20 MHz and a throughput of 1 MSPS, the cycle
time is t2 + 12.5(1/fSCLK) + tACQ = 1 μs. With t2 = 10 ns min, tACQ
is 365 ns. The 365 ns satisfies the requirement of 300 ns for tACQ.
In Figure 3, tACQ comprises 2.5(1/fSCLK) + t8 + tQUIET, where t8 =
45 ns. This allows a value of 195 ns for tQUIET, satisfying the
minimum requirement of 100 ns.
TIMING EXAMPLE 2
With fSCLK = 5 MHz and a throughput of 315 KSPS, the cycle
time is t2 + 12.5(1/fSCLK) + tACQ = 3.174 μs. With t2 = 10 ns min,
tACQ is 664 ns. The 664 ns satisfies the requirement of 300 ns for
tACQ. In Figure 3, tACQ comprises 2.5(1/fSCLK) + t8 + tQUIET, where
t8 = 45 ns. This allows a value of 119 ns for tQUIET, satisfying the
minimum requirement of 100 ns. As in this example and with
other slower clock values, the signal may already be acquired
before the conversion is complete, but it is still necessary
to leave 100 ns minimum tQUIET between conversions. In
Example 2, the signal should be fully acquired at approximately
Point C in Figure 3.
SCLK
1
5
13
15
SDATA
FOUR LEADING ZEROS
THREE-STATE
t4
2
3
16
t5
t3
tQUIET
tCONVERT
t2
THREE-STATE
DB11
DB10
DB2
DB0
t6
t7
t8
14
0
0
0
0
B
DB1
CS
4
Figure 2. Serial Interface Timing Diagram
SCLK
1
5
13
15
2
3
16
t5
tQUIET
tCONVERT
t2
t6
t8
14
B
45ns
tACQUISITION
12.5 (1/fSCLK)
10ns
1/THROUGHPUT
C
CS
4
Figure 3. Serial Interface Timing Example
200
μA
IOL
200
μA
IOH
CL
50pF
TO OUTPUT
PIN
1.6V
Figure 4. Load Circuit for Digital Output Timing Specifications


Similar Part No. - AD7495AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7495AR-REEL7 AD-AD7495AR-REEL7 Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
More results

Similar Description - AD7495AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com