Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7817SR Datasheet(PDF) 9 Page - Analog Devices

Part # AD7817SR
Description  Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7817SR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7817SR Datasheet HTML 5Page - Analog Devices AD7817SR Datasheet HTML 6Page - Analog Devices AD7817SR Datasheet HTML 7Page - Analog Devices AD7817SR Datasheet HTML 8Page - Analog Devices AD7817SR Datasheet HTML 9Page - Analog Devices AD7817SR Datasheet HTML 10Page - Analog Devices AD7817SR Datasheet HTML 11Page - Analog Devices AD7817SR Datasheet HTML 12Page - Analog Devices AD7817SR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD7817/AD7818
Rev. D | Page 9 of 20
AD7818
TOP VIEW
(Not to Scale)
CONVST
1
OTI 2
GND
3
VIN 4
RD/WR
8
SCLK
7
DIN/OUT
6
VDD
5
Figure 5. AD7818 Pin Configuration
Table 5. AD7818 Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
CONVST
Logic Input Signal. The convert start signal initiates a 10-bit analog-to-digital conversion on the falling edge of this
signal. The falling edge of this signal places track-and-hold in hold mode. Track-and-hold goes into track mode again at
the end of the conversion. The state of the CONVST signal is checked at the end of a conversion. If it is logic low, the
AD7818 powers down. See the Operating Modes section.
2
OTI
Logic Output. The overtemperature indicator (OTI) is set logic low if the result of a conversion on Channel 0
(temperature sensor) is greater that an 8-bit word in the overtemperature register (OTR). The signal is reset at the end
of a serial read operation, that is, a rising RD/WR edge.
3
GND
Analog and Digital Ground.
4
V
IN
Analog Input Channel. The input channel is single-ended with respect to GND. The input channel can convert voltage
signals in the range 0 V to 2.5 V. The input channel is selected by writing to the address register of the AD7818. See the
Control Byte section.
5
V
DD
Positive Supply Voltage, 2.7 V to 5.5 V.
6
D
IN/OUT
Logic Input and Output. Serial data is clocked in and out of the AD7818 at this pin.
7
SCLK
Clock Input for the Serial Port. The serial clock is used to clock data into and out of the AD7818. Data is clocked out on
the falling edge and clocked in on the rising edge.
8
RD/WR
Logic Input. The read/write signal is used to indicate to the AD7818 whether the next data transfer operation is a read
or a write. Set the RD/WR logic high for a read operation and logic low for a write.


Similar Part No. - AD7817SR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7817SR AD-AD7817SR Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7817SR-REEL AD-AD7817SR-REEL Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7817SR-REEL7 AD-AD7817SR-REEL7 Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
More results

Similar Description - AD7817SR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73422 AD-AD73422 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD73422 AD-AD73422_15 Datasheet
814Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com