Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8174AR-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD8174AR-REEL
Description  250 MHz, 10 ns Switching Multiplexers w/Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8174AR-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD8174AR-REEL Datasheet HTML 1Page - Analog Devices AD8174AR-REEL Datasheet HTML 2Page - Analog Devices AD8174AR-REEL Datasheet HTML 3Page - Analog Devices AD8174AR-REEL Datasheet HTML 4Page - Analog Devices AD8174AR-REEL Datasheet HTML 5Page - Analog Devices AD8174AR-REEL Datasheet HTML 6Page - Analog Devices AD8174AR-REEL Datasheet HTML 7Page - Analog Devices AD8174AR-REEL Datasheet HTML 8Page - Analog Devices AD8174AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5ns/DIV
DUT
OUT
∆t
FALL = 9.1ns
∆t
RISE = 7.5ns
OUTPUT
IN0, IN2 =
+0.5V
IN1, IN3 =
+0.5V
SELECT
PULSE
0 TO +5V
G = +2
RF = RG = 499
RL = 100
Figure 4. Channel Switching Characteristics
50ns/DIV
ENABLE PULSE
0 TO +5V
(5nsec EDGES)
INØ = +0.5VDC
G = +2
RF = 549
RL = 100
∆t
OFF = 120ns
∆t
ON = 17ns
AD8174R
OUTPUT
Figure 5. Enable and Disable Switching Characteristics
50ns/DIV
INØ = +0.5VDC
G = +2
RF = 549
RL = 100
∆t
OFF = 115ns
∆t
ON = 20ns
OUTPUT
SHUTDOWN PULSE
0 TO +5V
(5nsec EDGES)
AD8174R
Figure 6. Shutdown Switching Characteristics
10ns/DIV
SEL SWITCHING
A1 SWITCHING
A0 SWITCHING
SEL, A0, A1
PULSE
0 TO +5V
RF = 549
(AD8174R)
RL = 100
OUTPUT (AD8170R)
OUTPUT
(AD8174R)
G = +2
RF = 499
(AD8170R)
Figure 7. Switching Transient (Glitch) Response
G = +2
RF = RG = 1kΩ
RL = 150Ω
VIN – Volts
4
3
–4
–2
–3
0
–1
2
1
–3
–2
–1
0123
Figure 8. Output Voltage vs. Input Voltage, G = +2
G = +2
RF = 549Ω
RL = 100Ω
FREQUENCY – Hz
9
6
–21
1M
1G
10M
100M
–9
–12
–15
–18
–3
–6
3
0
9
0
–27
–15
–18
–21
–24
–9
–12
–3
–6
VIN = 1.0V rms
VIN = 0.5V rms
VIN = 0.25V rms
VIN = 125mV rms
VIN = 625mV rms
Figure 9. Large Signal Frequency Response
Typical Performance Characteristics – AD8170/AD8174
–5–
REV. 0


Similar Part No. - AD8174AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8174AR-REEL AD-AD8174AR-REEL Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
More results

Similar Description - AD8174AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
logo
M/A-COM Technology Solu...
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Tyco Electronics
A70 MACOM-A70_1 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com