Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SV02L6X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7SV02L6X
Description  TinyLogic ULP-A 2-Input NOR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV02L6X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SV02L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SV02L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SV02L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SV02L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SV02L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SV02L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SV02L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SV02L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SV02L6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500602
www.fairchildsemi.com
June 2002
Revised March 2003
NC7SV02
TinyLogic
 ULP-A 2-Input NOR Gate
General Description
The NC7SV02 is a single 2-Input NOR Gate from
Fairchild’s
Ultra
Low
Power-A
(ULP-A)
Series
of
TinyLogic
. ULP-A is ideal for applications that require
extreme high speed, high drive and low power. This prod-
uct is designed for a wide low voltage operating range
(0.9V to 3.6V VCC) and applications that require more drive
and speed than the TinyLogic ULP series, but still offer
best in class low power operation.
The NC7SV02 is uniquely designed for optimized power
and speed, and is fabricated with an advanced CMOS
technology to achieve high-speed operation while main-
taining low CMOS power dissipation.
Features
s 0.9V to 3.6V VCC supply operation
s 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
s Extremely High Speed tPD
1.0 ns typ for 2.7V to 3.6V VCC
1.2 ns typ for 2.3V to 2.7V VCC
1.9 ns typ for 1.65V to 1.95V VCC
3.2 ns typ for 1.4V to 1.6V VCC
6.0 ns typ for 1.1V to 1.3V VCC
13 ns typ for 0.9V VCC
s Power-Off high impedance inputs and outputs
s High Static Drive (IOH/IOL)
±24 mA @ 3.00V V
CC
±18 mA @ 2.30V V
CC
±6 mA
@ 1.65V VCC
±4 mA
@ 1.4V VCC
±2 mA
@ 1.1V VCC
±0.1 mA @ 0.9V V
CC
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Ultra small MicroPak
 leadfree package
s Ultra low dynamic power
Ordering Code:
Battery Life vs. VCC Supply Voltage
TinyLogic ULP and ULP-A with up to 50% less power consumption can
extend your battery life significantly.
Battery Life
= (V
battery *Ibattery*.9)/(Pdevice)/24hrs/day
Where, Pdevice = (ICC * VCC) + (CPD + CL) * VCC
2 * f
Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and
derated 90% and device frequency at 10MHz, with CL = 15 pF load
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
Quiet Series
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Product Code
Package Description
Supplied As
Number
Top Mark
NC7SV02P5X
MAA05A
V02
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
NC7SV02L6X
MAC06A
F6
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7SV02L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV02L6X FAIRCHILD-NC7SV02L6X Datasheet
295Kb / 9P
   TinyLogic ULP-A 2-Input NOR Gate
logo
ON Semiconductor
NC7SV02L6X ONSEMI-NC7SV02L6X Datasheet
213Kb / 9P
   TinyLogic ULP-A 2-Input NOR Gate
October, 2021 ??Rev. 0
More results

Similar Description - NC7SV02L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV02 FAIRCHILD-NC7SV02_04 Datasheet
295Kb / 9P
   TinyLogic ULP-A 2-Input NOR Gate
logo
ON Semiconductor
NC7SV02 ONSEMI-NC7SV02 Datasheet
213Kb / 9P
   TinyLogic ULP-A 2-Input NOR Gate
October, 2021 ??Rev. 0
logo
Fairchild Semiconductor
NC7SP02 FAIRCHILD-NC7SP02 Datasheet
293Kb / 9P
   TinyLogic ULP 2-Input NOR Gate
NC7SP02 FAIRCHILD-NC7SP02_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input NOR Gate
logo
ON Semiconductor
NC7SP02 ONSEMI-NC7SP02 Datasheet
390Kb / 11P
   TinyLogic ULP 2-Input NOR Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7WP02 FAIRCHILD-NC7WP02 Datasheet
202Kb / 9P
   TinyLogic ULP Dual 2-Input NOR Gate
NC7WP02 FAIRCHILD-NC7WP02_05 Datasheet
206Kb / 9P
   TinyLogic ULP Dual 2-Input NOR Gate
logo
ON Semiconductor
NC7SP02 ONSEMI-NC7SP02_V01 Datasheet
158Kb / 8P
   TinyLogic ULP-A NOR Gate
October, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7SV32 FAIRCHILD-NC7SV32_04 Datasheet
296Kb / 9P
   TinyLogic ULP-A 2-Input OR Gate
logo
ON Semiconductor
NC7SV00 ONSEMI-NC7SV00 Datasheet
387Kb / 10P
   TinyLogic ULP-A 2-Input NAND Gate
February, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com