Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9214-65PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9214-65PCB
Description  10-Bit, 65/80/105 MSPS 3 V A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214-65PCB Datasheet(HTML) 5 Page - Analog Devices

  AD9214-65PCB Datasheet HTML 1Page - Analog Devices AD9214-65PCB Datasheet HTML 2Page - Analog Devices AD9214-65PCB Datasheet HTML 3Page - Analog Devices AD9214-65PCB Datasheet HTML 4Page - Analog Devices AD9214-65PCB Datasheet HTML 5Page - Analog Devices AD9214-65PCB Datasheet HTML 6Page - Analog Devices AD9214-65PCB Datasheet HTML 7Page - Analog Devices AD9214-65PCB Datasheet HTML 8Page - Analog Devices AD9214-65PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. D
AD9214
–5–
ABSOLUTE MAXIMUM RATINGS
1
Electrical
AVDD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 V max
DrVDD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 V max
Analog Input Voltage . . . . . . . . . . . –0.5 V to AVDD + 0.5 V
Analog Input Current . . . . . . . . . . . . . . . . . . . . . . . 0.4 mA
Digital Input Voltage . . . . . . . . . . . –0.5 V to AVDD + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . 20 mA max
REF Input Voltage . . . . . . . . . . . . . –0.5 V to AVDD + 0.5 V
Environmental2
Operating Temperature Range (Ambient)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +125°C
Maximum Junction Temperature . . . . . . . . . . . . . . . 150
°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . 150
°C
Storage Temperature Range (Ambient) . . . –65
°C to +150°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating condi-
tions for an extended period of time may affect device reliability.
2Typical thermal impedances (package = 28 SSOP);
θ
JA = 49
°C/W. These
measurements were taken on a 6-layer board in still air with a solid
ground plane.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25
°C and guaranteed by design
and characterization at specified temperatures.
III Sample Tested Only
IV Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI 100% production tested at 25
°C and guaranteed by design
and characterization for industrial temperature range.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9214BRS-65
–40
°C to +85°C (Ambient)
28-Lead Shrink Small Outline Package
RS-28
AD9214BRS-80
–40
°C to +85°C (Ambient)
28-Lead Shrink Small Outline Package
RS-28
AD9214BRS-105
–40
°C to +85°C (Ambient)
28-Lead Shrink Small Outline Package
RS-28
AD9214-65PCB
25
°C
Evaluation Board with AD9214-65
AD9214-105PCB
25
°C
Evaluation Board with AD9214-105
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9214 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD9214-65PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9214-65PCB AD-AD9214-65PCB Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
More results

Similar Description - AD9214-65PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com