Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8032ARM-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8032ARM-REEL7
Description  2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARM-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8032ARM-REEL7 Datasheet HTML 6Page - Analog Devices AD8032ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD8032ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD8032ARM-REEL7 Datasheet HTML 9Page - Analog Devices AD8032ARM-REEL7 Datasheet HTML 10Page - Analog Devices AD8032ARM-REEL7 Datasheet HTML 11Page - Analog Devices AD8032ARM-REEL7 Datasheet HTML 12Page - Analog Devices AD8032ARM-REEL7 Datasheet HTML 13Page - Analog Devices AD8032ARM-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
AD8031/AD8032
Rev. F | Page 9 of 20
110
105
60
90
75
70
65
100
95
80
85
0
2k
4k
6k
8k
10k
RLOAD (Ω)
VS = 5V
+AOL
–AOL
Figure 20. Open-Loop Gain (AOL) vs. RLOAD
86
84
76
82
80
78
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
VS = 5V
RL = 1kΩ
–AOL
+AOL
Figure 21. Open Loop Gain vs. (AOL) Temperature
110
80
50
100
90
70
60
VOUT (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VS = 5V
RLOAD = 10kΩ
RLOAD = 1kΩ
Figure 22. Open-Loop Gain (AOL) vs. VOUT
10
0
–10
INPUT VOLTAGE (V)
100
90
10
0%
VS = 5V
500mV
500mV
1V
–1.5
0.5
2.5
4.5
6.5
Figure 23. Differential Input Overvoltage I-V Characteristics
0.05
–0.15
–0.05
–0.10
0
0.10
–0.10
0
–0.05
0.05
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
Figure 24. Differential Gain and Phase @ VS = ±5 V; RL = 1 kΩ
FREQUENCY (Hz)
100
30
0.3
10
3
1
100
10
1
0.1
10
100
1k
10k
100k
1M
10M
VS = 5V
CURRENT NOISE
VOLTAGE NOISE
Figure 25. Input Voltage Noise vs. Frequency


Similar Part No. - AD8032ARM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8032ARM-REEL7 AD-AD8032ARM-REEL7 Datasheet
247Kb / 16P
   2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
REV. B
AD8032ARM-REEL7 AD-AD8032ARM-REEL7 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
More results

Similar Description - AD8032ARM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031 AD-AD8031 Datasheet
247Kb / 16P
   2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
REV. B
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8031 AD-AD8031_06 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
logo
Texas Instruments
TLV379 TI1-TLV379 Datasheet
1Mb / 32P
[Old version datasheet]   Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com