Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMXB40UNE Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMXB40UNE
Description  12 V, N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMXB40UNE Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMXB40UNE Datasheet HTML 4Page - NXP Semiconductors PMXB40UNE Datasheet HTML 5Page - NXP Semiconductors PMXB40UNE Datasheet HTML 6Page - NXP Semiconductors PMXB40UNE Datasheet HTML 7Page - NXP Semiconductors PMXB40UNE Datasheet HTML 8Page - NXP Semiconductors PMXB40UNE Datasheet HTML 9Page - NXP Semiconductors PMXB40UNE Datasheet HTML 10Page - NXP Semiconductors PMXB40UNE Datasheet HTML 11Page - NXP Semiconductors PMXB40UNE Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NXP Semiconductors
PMXB40UNE
12 V, N-channel Trench MOSFET
PMXB40UNE
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
27 September 2013
8 / 15
VGS (V)
0
2
1.5
0.5
1
aaa-008990
4
6
2
8
10
ID
(A)
0
Tj = 150 °C
Tj = 25 °C
VDS > ID × RDSon
Fig. 11. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Tj (°C)
-60
180
120
0
60
aaa-008991
1
0.5
1.5
2
a
0
Fig. 12. Normalized drain-source on-state resistance
as a function of junction temperature; typical
values
Tj(°C)
-60
180
120
0
60
aaa-008992
0.50
0.75
0.25
1.00
1.25
VGS(th)
(V)
0
min
typ
max
ID = 0.25 mA; VDS = VGS
Fig. 13. Gate-source threshold voltage as a function of
junction temperature
aaa-008993
VDS (V)
10-1
102
10
1
102
103
C
(pF)
10
Ciss
Coss
Crss
f = 1 MHz; VGS = 0 V
Fig. 14. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values


Similar Part No. - PMXB40UNE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMXB40UNE NEXPERIA-PMXB40UNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
logo
NXP Semiconductors
PMXB40UNE PHILIPS-PMXB40UNE_15 Datasheet
261Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
More results

Similar Description - PMXB40UNE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
   12 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMCM440VNE PHILIPS-PMCM440VNE_15 Datasheet
325Kb / 15P
   12 V, N-channel Trench MOSFET
7 April 2015
PMXB40UNE PHILIPS-PMXB40UNE_15 Datasheet
261Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
logo
Nexperia B.V. All right...
PMCM6501VNE NEXPERIA-PMCM6501VNE Datasheet
777Kb / 15P
   12 V, N-channel Trench MOSFET
PMCA14UN NEXPERIA-PMCA14UN Datasheet
286Kb / 15P
   12 V, N-channel Trench MOSFET
6 August 2020
PMXB40UNE NEXPERIA-PMXB40UNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
PMCM650VNE NEXPERIA-PMCM650VNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMCM650VNE PHILIPS-PMCM650VNE_15 Datasheet
376Kb / 15P
   12 V, N-channel Trench MOSFET
7 April 2015
PMCM6501VNE PHILIPS-PMCM6501VNE_15 Datasheet
367Kb / 15P
   12 V, N-channel Trench MOSFET
26 August 2015
logo
Nexperia B.V. All right...
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
   12 V, P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com