Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMXB120EPE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMXB120EPE
Description  30 V, P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMXB120EPE Datasheet(HTML) 2 Page - NXP Semiconductors

  PMXB120EPE Datasheet HTML 1Page - NXP Semiconductors PMXB120EPE Datasheet HTML 2Page - NXP Semiconductors PMXB120EPE Datasheet HTML 3Page - NXP Semiconductors PMXB120EPE Datasheet HTML 4Page - NXP Semiconductors PMXB120EPE Datasheet HTML 5Page - NXP Semiconductors PMXB120EPE Datasheet HTML 6Page - NXP Semiconductors PMXB120EPE Datasheet HTML 7Page - NXP Semiconductors PMXB120EPE Datasheet HTML 8Page - NXP Semiconductors PMXB120EPE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
PMXB120EPE
30 V, P-channel Trench MOSFET
PMXB120EPE
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
24 September 2013
2 / 15
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
S
source
3
D
drain
4
D
drain
Transparent top view
1
2
3
4
DFN1010D-3 (SOT1215)
017aaa259
G
D
S
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMXB120EPE
DFN1010D-3
plastic thermal enhanced ultra thin small outline package; no
leads; 3 terminals; body 1.1 x 1.0 x 0.37 mm
SOT1215
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMXB120EPE
10 01 00
MARKING CODE
(EXAMPLE)
PIN 1
INDICATION MARK
VENDOR CODE
YEAR DATE
CODE
READING
DIRECTION
READING EXAMPLE:
11
01
10
aaa-008041
MARK-FREE AREA
Fig. 1. DFN1010D-3 (SOT1215) binary marking code description


Similar Part No. - PMXB120EPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMXB120EPE NEXPERIA-PMXB120EPE Datasheet
734Kb / 15P
   30 V, P-channel Trench MOSFET
24 September 2013
logo
NXP Semiconductors
PMXB120EPE PHILIPS-PMXB120EPE_15 Datasheet
252Kb / 15P
   30 V, P-channel Trench MOSFET
24 September 2013
More results

Similar Description - PMXB120EPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
   30 V, P-channel Trench MOSFET
PMV35EPE NEXPERIA-PMV35EPE Datasheet
730Kb / 15P
   30 V, P-channel Trench MOSFET
PMZ1200UPE NEXPERIA-PMZ1200UPE Datasheet
710Kb / 15P
   30 V, P-channel Trench MOSFET
PMPB17EP NEXPERIA-PMPB17EP Datasheet
305Kb / 14P
   30 V, P-channel Trench MOSFET
26 January 2022
PMPB12R5EP NEXPERIA-PMPB12R5EP Datasheet
316Kb / 14P
   30 V, P-channel Trench MOSFET
1 March 2021
PMPB16EP NEXPERIA-PMPB16EP Datasheet
313Kb / 14P
   30 V, P-channel Trench MOSFET
24 September 2019
logo
NXP Semiconductors
PMZ1200UPE PHILIPS-PMZ1200UPE_15 Datasheet
220Kb / 15P
   30 V, P-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMZ320UPE NEXPERIA-PMZ320UPE Datasheet
715Kb / 15P
   30 V, P-channel Trench MOSFET
PMV50EPEA NEXPERIA-PMV50EPEA Datasheet
727Kb / 16P
   30 V, P-channel Trench MOSFET
PMH850UPE NEXPERIA-PMH850UPE Datasheet
277Kb / 14P
   30 V, P-channel Trench MOSFET
6 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com