Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMXB350UPE Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMXB350UPE
Description  20 V, P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMXB350UPE Datasheet(HTML) 1 Page - NXP Semiconductors

  PMXB350UPE Datasheet HTML 1Page - NXP Semiconductors PMXB350UPE Datasheet HTML 2Page - NXP Semiconductors PMXB350UPE Datasheet HTML 3Page - NXP Semiconductors PMXB350UPE Datasheet HTML 4Page - NXP Semiconductors PMXB350UPE Datasheet HTML 5Page - NXP Semiconductors PMXB350UPE Datasheet HTML 6Page - NXP Semiconductors PMXB350UPE Datasheet HTML 7Page - NXP Semiconductors PMXB350UPE Datasheet HTML 8Page - NXP Semiconductors PMXB350UPE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PMXB350UPE
20 V, P-channel Trench MOSFET
19 September 2013
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
P-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small
DFN1010D-3 (SOT1215) Surface-Mounted Device (SMD) plastic package using Trench
MOSFET technology.
2. Features and benefits
Trench MOSFET technology
Leadless ultra small and ultra thin SMD plastic package: 1.1 × 1.0 × 0.37 mm
Exposed drain pad for excellent thermal conduction
ElectroStatic Discharge (ESD) protection 1 kV HBM
Drain-source on-state resistance RDSon = 100 mΩ
3. Applications
High-side load switch and charging switch for portable devices
Power management in battery driven portables
LED driver
DC-to-DC converter
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
-
-
-20
V
VGS
gate-source voltage
Tj = 25 °C
-8
-
8
V
ID
drain current
VGS = -4.5 V; Tamb = 25 °C
[1]
-
-
-1.2
A
Static characteristics
RDSon
drain-source on-state
resistance
VGS = -4.5 V; ID = -1.2 A; Tj = 25 °C
-
350
447
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
drain 6 cm2.


Similar Part No. - PMXB350UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMXB350UPE NEXPERIA-PMXB350UPE Datasheet
727Kb / 15P
   20 V, P-channel Trench MOSFET
24 January 2014
logo
NXP Semiconductors
PMXB350UPE PHILIPS-PMXB350UPE_15 Datasheet
245Kb / 15P
   20 V, P-channel Trench MOSFET
24 January 2014
More results

Similar Description - PMXB350UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
   20 V, P-channel Trench MOSFET
PMV30XPEA NEXPERIA-PMV30XPEA Datasheet
722Kb / 16P
   20 V, P-channel Trench MOSFET
PMN52XP NEXPERIA-PMN52XP Datasheet
724Kb / 16P
   20 V, P-channel Trench MOSFET
PMV65XPE NEXPERIA-PMV65XPE Datasheet
708Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ350UPE NEXPERIA-PMZ350UPE Datasheet
701Kb / 14P
   20 V, P-channel Trench MOSFET
logo
NXP Semiconductors
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
   20 V, P-channel Trench MOSFET
27 November 2014
PMV75UP PHILIPS-PMV75UP_15 Datasheet
279Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
   20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
   20 V, P-channel Trench MOSFET
10 March 2014
logo
Nexperia B.V. All right...
BSH205G2A NEXPERIA-BSH205G2A Datasheet
277Kb / 15P
   20 V, P-channel Trench MOSFET
13 October 2020
PMN40XPEA NEXPERIA-PMN40XPEA Datasheet
286Kb / 15P
   20 V, P-channel Trench MOSFET
7 July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com