Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2220K20G Datasheet(PDF) 3 Page - EPCOS

Part # CT2220K20G
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT2220K20G Datasheet(HTML) 3 Page - EPCOS

  CT2220K20G Datasheet HTML 1Page - EPCOS CT2220K20G Datasheet HTML 2Page - EPCOS CT2220K20G Datasheet HTML 3Page - EPCOS CT2220K20G Datasheet HTML 4Page - EPCOS CT2220K20G Datasheet HTML 5Page - EPCOS CT2220K20G Datasheet HTML 6Page - EPCOS CT2220K20G Datasheet HTML 7Page - EPCOS CT2220K20G Datasheet HTML 8Page - EPCOS CT2220K20G Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Ceramic transient voltage suppressors
B72540E0200K062
SMD multilayer varistor, E series
CT2220K20G
PPD ML PD
2012-11-06
Please read Cautions and warnings and
Page 3 of 14
Important notes at the end of this document.
Electrical data
Maximum operating voltage
RMS voltage
V
RMS
= 20 V
DC voltage
V
DC
= 26 V
Varistor voltage (@ 1 mA, 25 °C)
V
V
= 29.7 … 36.3 V
Maximum clamping voltage (@ 10 A)
V
clamp,max
= 54 V
Maximum leakage current (@ 26 V, 25 °C)
Ileak,max
= 70 µA
Typical leakage current (@ 14 V, 25 °C)
Ileak
= 2 µA
Maximum average power dissipation
P
diss,max
= 20 mW
Maximum surge current (8/20 µs)
Isurge,max = 1 x 1200 A
Maximum energy absorption (2 ms)
W
max
= 7800 mJ
Capacitance (@ 1 kHz, 1 V, 25 °C; typical)
Ctyp
= 7.0 nF
Response time
<0.5 ns
Operating temperature
–55 ... +150 °C
Storage temperature (mounted parts)
–55 ... +150 °C


Similar Part No. - CT2220K20G

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT2220K20G EPCOS-CT2220K20G Datasheet
129Kb / 15P
   Multilayer technology
More results

Similar Description - CT2220K20G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520E0350K062 EPCOS-B72520E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0400K062 EPCOS-B72520E0400K062 Datasheet
178Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0350K062 EPCOS-B72580E0350K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E1250K062 EPCOS-B72520E1250K062 Datasheet
186Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E1140S262 EPCOS-B72540E1140S262 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E3140S272 EPCOS-B72540E3140S272 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0250K062 EPCOS-B72580E0250K062 Datasheet
195Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0300K062 EPCOS-B72520E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0300K062 EPCOS-B72530E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0350K062 EPCOS-B72530E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E1140S262 EPCOS-B72580E1140S262 Datasheet
192Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com