Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72540E0350K062 Datasheet(PDF) 9 Page - EPCOS

Part # B72540E0350K062
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72540E0350K062 Datasheet(HTML) 9 Page - EPCOS

Back Button B72540E0350K062 Datasheet HTML 5Page - EPCOS B72540E0350K062 Datasheet HTML 6Page - EPCOS B72540E0350K062 Datasheet HTML 7Page - EPCOS B72540E0350K062 Datasheet HTML 8Page - EPCOS B72540E0350K062 Datasheet HTML 9Page - EPCOS B72540E0350K062 Datasheet HTML 10Page - EPCOS B72540E0350K062 Datasheet HTML 11Page - EPCOS B72540E0350K062 Datasheet HTML 12Page - EPCOS B72540E0350K062 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Ceramic transient voltage suppressors
B72540E0350K062
SMD multilayer varistor, E series
CT2220K35G
PPD ML PD
2012-11-06
Please read Cautions and warnings and
Page 9 of 14
Important notes at the end of this document.
Packing
Packing material: Plastic
Reel dimensions
Packing unit: 1000 pcs./ reel
KKE0058-I
W1
2
W
13±0.2
+2
0
ø60 _
40 min.
empty cavities
25 min.
empty cavities
300 mm
cover tape
Leader
Tape end (trailer)
Dinition
Symbol
Dimension
[mm]
Tolerance
[mm]
Reel diameter
A
180
+0/-3
Reel width (inside)
W1
12.4
+1.5/-0
Reel width (outside)
W2
18.4
max.


Similar Part No. - B72540E0350K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0300K062 EPCOS-B72540E0300K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
More results

Similar Description - B72540E0350K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520E0350K062 EPCOS-B72520E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0400K062 EPCOS-B72520E0400K062 Datasheet
178Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0350K062 EPCOS-B72580E0350K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E1250K062 EPCOS-B72520E1250K062 Datasheet
186Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E1140S262 EPCOS-B72540E1140S262 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E3140S272 EPCOS-B72540E3140S272 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0250K062 EPCOS-B72580E0250K062 Datasheet
195Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0300K062 EPCOS-B72520E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0300K062 EPCOS-B72530E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0350K062 EPCOS-B72530E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E1140S262 EPCOS-B72580E1140S262 Datasheet
192Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com