Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2220K30AUTOE2G2 Datasheet(PDF) 7 Page - EPCOS

Part # CT2220K30AUTOE2G2
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT2220K30AUTOE2G2 Datasheet(HTML) 7 Page - EPCOS

Back Button CT2220K30AUTOE2G2 Datasheet HTML 3Page - EPCOS CT2220K30AUTOE2G2 Datasheet HTML 4Page - EPCOS CT2220K30AUTOE2G2 Datasheet HTML 5Page - EPCOS CT2220K30AUTOE2G2 Datasheet HTML 6Page - EPCOS CT2220K30AUTOE2G2 Datasheet HTML 7Page - EPCOS CT2220K30AUTOE2G2 Datasheet HTML 8Page - EPCOS CT2220K30AUTOE2G2 Datasheet HTML 9Page - EPCOS CT2220K30AUTOE2G2 Datasheet HTML 10Page - EPCOS CT2220K30AUTOE2G2 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Ceramic transient voltage suppressors
B72540E3300K072
SMD multilayer varistor, E series
CT2220K30AUTOE2G2
PPD ML PD
2012-11-06
Please read Cautions and warnings and
Page 7 of 14
Important notes at the end of this document.
Wave soldering temperature profile
Temperature characteristic at component terminal with dual-wave soldering
˚C
300
250
200
150
100
50
Time
KKE0144-J-E
2 K/s
approx. 200 K/s
5 K/s
1st wave
2nd wave
2 K/s
235 ˚C ... 260 ˚C
Forced
Limit curves
Normal curve
10 s
100 ˚C ... 130 ˚C
s
250
200
150
100
50
0
0
cooling
Soldering guidelines
The usage of mild, non-activated fluxes for soldering is recommended, as well as proper cleaning of
the PCB.
Storage condition
As far as possible, the components should be soldered within 12 months after delivery from
EPCOS.
Storage temperature: −25 up to +45 °C.
Relative humidity: <75% annual average, <95% on max. 30 days in a year.


Similar Part No. - CT2220K30AUTOE2G2

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT2220K30AUTOE2G2 EPCOS-CT2220K30AUTOE2G2 Datasheet
94Kb / 5P
   Multilayer technology
More results

Similar Description - CT2220K30AUTOE2G2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520E0350K062 EPCOS-B72520E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0400K062 EPCOS-B72520E0400K062 Datasheet
178Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0350K062 EPCOS-B72580E0350K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E1250K062 EPCOS-B72520E1250K062 Datasheet
186Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E1140S262 EPCOS-B72540E1140S262 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E3140S272 EPCOS-B72540E3140S272 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0250K062 EPCOS-B72580E0250K062 Datasheet
195Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0300K062 EPCOS-B72520E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0300K062 EPCOS-B72530E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0350K062 EPCOS-B72530E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E1140S262 EPCOS-B72580E1140S262 Datasheet
192Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com