Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT1812K30G Datasheet(PDF) 8 Page - EPCOS

Part # CT1812K30G
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1812K30G Datasheet(HTML) 8 Page - EPCOS

Back Button CT1812K30G Datasheet HTML 4Page - EPCOS CT1812K30G Datasheet HTML 5Page - EPCOS CT1812K30G Datasheet HTML 6Page - EPCOS CT1812K30G Datasheet HTML 7Page - EPCOS CT1812K30G Datasheet HTML 8Page - EPCOS CT1812K30G Datasheet HTML 9Page - EPCOS CT1812K30G Datasheet HTML 10Page - EPCOS CT1812K30G Datasheet HTML 11Page - EPCOS CT1812K30G Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Ceramic transient voltage suppressors
B72580E0300K062
SMD multilayer varistor, E series
CT1812K30G
PPD ML PD
2012-11-21
Please read Cautions and warnings and
Page 8 of 14
Important notes at the end of this document.
Taping and packaging
Tape and reel packing according to IEC 60286-3
Tape material: Blister
KKE0053-C-E
A
Section A-A
A
0
D
P2
P0
A 0
P1
1
D
0
K
T2
Direction of unreeling
B0
T
Cover tape
Dimensions and tolerances
Definition
Symbol
Dimension
[mm]
Tolerance
[mm]
Compartment width
A0
3.5
±0.2
Compartment length
B0
4.8
±0.2
Compartment height
K0
2.6
max.
Sprocket hole diameter
D0
1.5
+0.1/-0
Compartment hole diameter
D1
1.5
min.
Sprocket hole pitch
P0
4.0
±0.1 1)
Distance center hole to center compartment
P2
2.0
±0.05
Pitch of the component compartments
P1
8.0
±0.1
Tape width
W
12.0
±0.3
Distance edge to center of hole
E
1.75
±0.1
Distance center hole to center compartment
F
5.5
±0.05
Distance compartment to edge
G
0.75
min.
Overall thickness
T2
2.5
max.
Thickness tape
T
0.3
max.
1) ±0.2 mm over 10 sprocket holes.
Package: 12-mm tape


Similar Part No. - CT1812K30G

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT1812K30G EPCOS-CT1812K30G Datasheet
129Kb / 15P
   Multilayer technology
More results

Similar Description - CT1812K30G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520E0350K062 EPCOS-B72520E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0400K062 EPCOS-B72520E0400K062 Datasheet
178Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0350K062 EPCOS-B72580E0350K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E1250K062 EPCOS-B72520E1250K062 Datasheet
186Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E1140S262 EPCOS-B72540E1140S262 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E3140S272 EPCOS-B72540E3140S272 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0250K062 EPCOS-B72580E0250K062 Datasheet
195Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0300K062 EPCOS-B72520E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0300K062 EPCOS-B72530E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0350K062 EPCOS-B72530E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E1140S262 EPCOS-B72580E1140S262 Datasheet
192Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com