Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72580E1140S262 Datasheet(PDF) 2 Page - EPCOS

Part # B72580E1140S262
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E1140S262 Datasheet(HTML) 2 Page - EPCOS

  B72580E1140S262 Datasheet HTML 1Page - EPCOS B72580E1140S262 Datasheet HTML 2Page - EPCOS B72580E1140S262 Datasheet HTML 3Page - EPCOS B72580E1140S262 Datasheet HTML 4Page - EPCOS B72580E1140S262 Datasheet HTML 5Page - EPCOS B72580E1140S262 Datasheet HTML 6Page - EPCOS B72580E1140S262 Datasheet HTML 7Page - EPCOS B72580E1140S262 Datasheet HTML 8Page - EPCOS B72580E1140S262 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ceramic transient voltage suppressors
B72580E1140S262
SMD multilayer varistor, E series
CT1812S14BAUTOG
PPD ML PD
2012-11-07
Please read Cautions and warnings and
Page 2 of 14
Important notes at the end of this document.
Description
The E series multilayer ceramic varistors has been developed to protect automotive
electronic circuits against transient overvoltages, such as electrostatic discharges and surge
currents.
Features
Reliable ESD protection up to 30 kV acc. to IEC 61000-4-2
High energy absorption capability
Low leakage current
No temperature derating up to 150 °C
High life time robustness
Stable protection level
RoHS-compatible, lead-free
Qualified based on AEC-Q200
PSpice simulation models available
Designation system
CT
C
hip with three-layer-termination (Ag/Ni/Sn)
1812
Dimensions of the device 18 x 12 (length x width in 1/100 inch)
S...B
S
pecial tolerance B of the varistor voltage
14
Maximum RMS operating voltage
AUTO Suited for AUTOmotive application
G
Taped version, cardboard tape, 7" reel (1500 pcs./ reel)


Similar Part No. - B72580E1140S262

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72580E0250K062 EPCOS-B72580E0250K062 Datasheet
195Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0300K062 EPCOS-B72580E0300K062 Datasheet
192Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0350K062 EPCOS-B72580E0350K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E3140S272 EPCOS-B72580E3140S272 Datasheet
192Kb / 14P
   Ceramic transient voltage suppressors
More results

Similar Description - B72580E1140S262

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520E0350K062 EPCOS-B72520E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0400K062 EPCOS-B72520E0400K062 Datasheet
178Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0350K062 EPCOS-B72580E0350K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E1250K062 EPCOS-B72520E1250K062 Datasheet
186Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E1140S262 EPCOS-B72540E1140S262 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72540E3140S272 EPCOS-B72540E3140S272 Datasheet
190Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72580E0250K062 EPCOS-B72580E0250K062 Datasheet
195Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72520E0300K062 EPCOS-B72520E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0300K062 EPCOS-B72530E0300K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
B72530E0350K062 EPCOS-B72530E0350K062 Datasheet
185Kb / 14P
   Ceramic transient voltage suppressors SMD multilayer varistor, E series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com