Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB2N40E Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTB2N40E
Description  TMOS POWER FET 2.0 AMPERES 400 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB2N40E Datasheet(HTML) 3 Page - Motorola, Inc

  MTB2N40E Datasheet HTML 1Page - Motorola, Inc MTB2N40E Datasheet HTML 2Page - Motorola, Inc MTB2N40E Datasheet HTML 3Page - Motorola, Inc MTB2N40E Datasheet HTML 4Page - Motorola, Inc MTB2N40E Datasheet HTML 5Page - Motorola, Inc MTB2N40E Datasheet HTML 6Page - Motorola, Inc MTB2N40E Datasheet HTML 7Page - Motorola, Inc MTB2N40E Datasheet HTML 8Page - Motorola, Inc MTB2N40E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MTB2N40E
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On–Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
TJ = 25°C
VGS = 10 V
15 V
3.0
4.5
VGS = 0 V
0
200
400
100
100
300
TJ = 125°C
1000
5.0
4.0
3.5
10
0.5
1.5
3.5
2.5
1
2
4
3
4
3.2
2.4
1.6
0
0
4
8
12
16
20
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
VGS = 10 V
7 V
6 V
8 V
5 V
TJ = 25°C
4
3
2
1
0
2
3
4
5
6
8
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
VDS ≥ 10 V
–55
°C
TJ = 100°C
25
°C
2
6
4
0
0
1
2
3
4
ID, DRAIN CURRENT (AMPS)
VGS = 10 V
TJ = 25°C
100
°C
–55
°C
2.5
0
TJ, JUNCTION TEMPERATURE (°C)
VGS = 10 V
ID = 1 A
– 50
0
50
100
150
125
– 25
25
75
2.5
2
1.5
1
0.5
0
0.8
7
8


Similar Part No. - MTB2N40E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB2N60E MOTOROLA-MTB2N60E Datasheet
271Kb / 10P
   TMOS POWER FET 2.0 AMPERES 600 VOLTS
logo
ON Semiconductor
MTB2N60E ONSEMI-MTB2N60E Datasheet
269Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 1
More results

Similar Description - MTB2N40E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
   TMOS POWER FET 2.0 AMPERES 250 VOLTS
MTB2P50E MOTOROLA-MTB2P50E Datasheet
273Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS
MTB2N60E MOTOROLA-MTB2N60E Datasheet
271Kb / 10P
   TMOS POWER FET 2.0 AMPERES 600 VOLTS
MTP2N40E MOTOROLA-MTP2N40E Datasheet
217Kb / 8P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM
MTD2N40E MOTOROLA-MTD2N40E Datasheet
268Kb / 10P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM
MMDF2P01HD MOTOROLA-MMDF2P01HD Datasheet
284Kb / 10P
   DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
   DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF2C01HD MOTOROLA-MMDF2C01HD Datasheet
372Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2C03HD MOTOROLA-MMDF2C03HD Datasheet
381Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS
MMDF2C02HD MOTOROLA-MMDF2C02HD Datasheet
356Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com