Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP117 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP117
Description  TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP117 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP117 Datasheet HTML 1Page - Toshiba Semiconductor TLP117 Datasheet HTML 2Page - Toshiba Semiconductor TLP117 Datasheet HTML 3Page - Toshiba Semiconductor TLP117 Datasheet HTML 4Page - Toshiba Semiconductor TLP117 Datasheet HTML 5Page - Toshiba Semiconductor TLP117 Datasheet HTML 6Page - Toshiba Semiconductor TLP117 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP117
2010-04-02
3
Electrical Characteristics
(Unless otherwise specified, Ta=-40 to 105
°C, VCC =4.5 to 5.5V )
Characteristic
Symbol
Test
Circuit
Conditions
Min
Typ.
Max
Unit
Input forward voltage
VF
IF=10 mA , Ta=25°C
1.45
1.6
1.85
V
Temperature coefficient
of forward voltage
ΔVF/ΔTa
IF=10 mA
-2.0
mV/
°C
Input reverse current
IR
VR=5 V,Ta=25°C
10
μA
Input capacitance
CT
V=0,f=1 MHz,Ta=25
°C
60
pF
“L” Level
VOL
1
IOL=4 mA, IF=10 mA
0.6
V
VCC=4.5V
3.9
Output voltage
“H” Level
VOH
2
IOH=-4mA,
VF=1.05V,
VCC=5.5V
4.9
V
“L” Level
ICCL
3
IF=10 mA
5.0
mA
Supply current
“H” Level
ICCH
4
VF=0 V
5.0
mA
Input current
H
→ L
IFHL
IO=20 μA,VO<0.3 V
5
mA
Input voltage
L
→ H
VFLH
IO=-20 μA,VO>4.0 V
0.8
V
*All typical values are at Ta=25°C unless otherwise specified.
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
Capacitance input to output
CS
V = 0,f = 1 MHz
(Note 2)
0.8
pF
Isolation resistance
RS
R.H. ≤ 60%,VS = 500 V
(Note 2)
1×10
12
10
14
AC,1 minute
3750
AC,1 second,in oil
10000
Vrms
Isolation voltage
BVS
DC,1 minute,in oil
10000
Vdc
Note 4: A ceramic capacitor (0.1
μF) should be connected from pin 6 to pin 4 to stabilize the operation of the high
gain linear amplifier. Failure to provide the bypass may impair the switching property.
The total lead length between capacitor and coupler should not exceed 1 cm.


Similar Part No. - TLP117

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
TLP11716117160150051 HUBERSUHNER-TLP11716117160150051 Datasheet
502Kb / 2P
   LOW PIM TEST ASSEMBLIES, 716 (male), 716 (male), 50 Ohm, 4 GHz, 1500mm
TLP1171611N0150051 HUBERSUHNER-TLP1171611N0150051 Datasheet
503Kb / 2P
   LOW PIM TEST ASSEMBLIES, 716 (male), N (male), 50 Ohm, 4 GHz, 1500mm
logo
Toshiba Semiconductor
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
   PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
More results

Similar Description - TLP117

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP118 TOSHIBA-TLP118 Datasheet
315Kb / 13P
   TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
   TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
   TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP116A TOSHIBA-TLP116A Datasheet
274Kb / 9P
   PHOTOCOUPLER GaA?밃s LED & PHOTO-IC
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
   TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com