Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP284 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP284
Description  TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP284 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP284 Datasheet HTML 1Page - Toshiba Semiconductor TLP284 Datasheet HTML 2Page - Toshiba Semiconductor TLP284 Datasheet HTML 3Page - Toshiba Semiconductor TLP284 Datasheet HTML 4Page - Toshiba Semiconductor TLP284 Datasheet HTML 5Page - Toshiba Semiconductor TLP284 Datasheet HTML 6Page - Toshiba Semiconductor TLP284 Datasheet HTML 7Page - Toshiba Semiconductor TLP284 Datasheet HTML 8Page - Toshiba Semiconductor TLP284 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TLP284
2009-05-27
4
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0V, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60%
1×10
12
10
14
AC, 1 minute
3750
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Rise time
tr
2
Fall time
tf
3
Turn
−on time
ton
3
Turn
−off time
toff
VCC = 10 V, IC = 2 mA
RL = 100 Ω
3
μs
Turn
−on time
tON
2
Storage time
ts
25
Turn
−off time
tOFF
RL = 1.9 kΩ
(Fig.1)
VCC = 5 V, IF = ±16 mA
40
μs
(Fig. 1): Switching time test circuit
VCE
VCC
RL
IF
IF
VCE
VCC
0.5V
4.5V
tOFF
tON
tS


Similar Part No. - TLP284

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP284-4 TOSHIBA-TLP284-4 Datasheet
320Kb / 16P
   Programmable Controllers AC/DC?묲nput Module Hybrid ICs
More results

Similar Description - TLP284

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
   TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
TLP127TPRUF TOSHIBA-TLP127TPRUF Datasheet
164Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP181Y TOSHIBA-TLP181Y Datasheet
237Kb / 9P
   TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
TLP504A-2GB TOSHIBA-TLP504A-2GB Datasheet
210Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
   TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com