Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ126 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SZ126
Description  TinyLogic UHS Buffer with 3-STATE Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ126 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SZ126 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ126 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ126 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ126 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ126 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ126 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ126 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ126 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD = (CPD) (VCC) (fIN) + (ICC static).
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
= 1.0 MHz, t
w = 500 ns
FIGURE 1. AC Test Circuit
Input
= AC Waveform; t
r = tf = 1.8 ns;
PRR
= 10 MHz; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Fig. No.
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.65
2.0
6.4
13.2
2.0
13.8
ns
Figures
1, 3
tPHL
1.8
2
5.3
11
2
11.5
2.5
± 0.2
0.8
3.4
7.5
0.8
8.0
CL = 15 pF, RD = 1 MΩ
3.3
± 0.3
0.5
2.5
5.2
0.5
5.5
S1 = OPEN
5.0
± 0.5
0.5
2.1
4.5
0.5
4.8
tPLH
Propagation Delay
3.3
± 0.3
1.5
3.2
5.7
1.5
6.0
ns
CL = 50 pF, RD = 500Ω
Figures
1, 3
tPHL
5.0
± 0.5
0.8
2.6
5.0
0.8
5.3
S1 = OPEN
tPZL
Output Enable Time
1.65
2.0
8.4
15.0
2.0
15.6
ns
CL = 50 pF, RD = 500Ω,
Figures
1, 3
tPZH
1.8
2.0
6.1
11.5
2
12
RU
= 500Ω
2.5
± 0.2
1.5
3.8
8.0
1.5
8.5
S1 = GND for tPZH
3.3
± 0.3
1.5
3.2
5.7
1.5
6.0
S1 = VI for tPZL
5.0
± 0.5
0.8
2.3
5.0
0.8
5.3
VI = 2 × VCC
tPLZ
Output Disable Time
1.65
2.0
6.5
13.2
2.0
14.5
ns
CL = 50 pF, RD = 500Ω,
Figures
1, 3
tPHZ
1.8
2.0
5.6
11
2.0
12
RU
= 500Ω
2.5
± 0.2
1.0
4.0
8.0
1.0
8.5
S1 = GND for tPHZ
3.3
± 0.3
1.0
3.5
5.7
1.0
6.0
S1 = VI for tPLZ
5.0
± 0.5
0.5
2.5
4.7
0.5
5.0
VI = 2 × VCC
CIN
Input Capacitance
0
4
pF
COUT
Output Capacitance
0
8
CPD
Power Dissipation
3.3
17
pF
(Note 3)
Figure 2
Capacitance
5.0
24


Similar Part No. - NC7SZ126

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ126 FAIRCHILD-NC7SZ126 Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SZ126 ONSEMI-NC7SZ126 Datasheet
622Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
October-2017, Rev . 2
NC7SZ126 ONSEMI-NC7SZ126 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
NC7SZ126FHX ONSEMI-NC7SZ126FHX Datasheet
622Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
October-2017, Rev . 2
NC7SZ126FHX ONSEMI-NC7SZ126FHX Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
More results

Similar Description - NC7SZ126

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ126 FAIRCHILD-NC7SZ126_05 Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125 Datasheet
93Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125_05 Datasheet
169Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SZ126 ONSEMI-NC7SZ126_V01 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 7
NC7SZ125 ONSEMI-NC7SZ125 Datasheet
540Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
October-2017, Rev . 2
NC7SZ126 ONSEMI-NC7SZ126 Datasheet
622Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7SZ125FHX FAIRCHILD-NC7SZ125FHX Datasheet
983Kb / 10P
   TinyLogic UHS Buffer with Three-State Output
logo
ON Semiconductor
NC7SZ125 ONSEMI-NC7SZ125_V01 Datasheet
475Kb / 12P
   TinyLogic UHS Buffer with Three-State Output
May, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7WZ126 FAIRCHILD-NC7WZ126 Datasheet
172Kb / 8P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
logo
ON Semiconductor
NC7WZ241 ONSEMI-NC7WZ241 Datasheet
282Kb / 11P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com