Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9979BCPZRL Datasheet(PDF) 8 Page - Analog Devices

Part # AD9979BCPZRL
Description  14-Bit, CCD Signal Processor with Precision Timing Core
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZRL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9979BCPZRL Datasheet HTML 4Page - Analog Devices AD9979BCPZRL Datasheet HTML 5Page - Analog Devices AD9979BCPZRL Datasheet HTML 6Page - Analog Devices AD9979BCPZRL Datasheet HTML 7Page - Analog Devices AD9979BCPZRL Datasheet HTML 8Page - Analog Devices AD9979BCPZRL Datasheet HTML 9Page - Analog Devices AD9979BCPZRL Datasheet HTML 10Page - Analog Devices AD9979BCPZRL Datasheet HTML 11Page - Analog Devices AD9979BCPZRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
AD9979
Rev. C | Page 8 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD9979
1
D2
D9
D8
D7
DRVDD
DRVSS
D6
D5
D4
D3
2
3
4
5
6
7
8
9
10
36 REFB
LDOOUT
CLI
AVSS
AVDD
CCDINP
CCDINM
AVSS
AVDD
REFT
35
34
33
32
31
30
29
28
27
RG
IOVDD
26
25
D11
D10 11
12
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
NC = NO CONNECT
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO GND.
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
D2
DO
Data Output
2
D3
DO
Data Output
3
D4
DO
Data Output
4
D5
DO
Data Output
5
D6
DO
Data Output
6
DRVSS
P
Digital Driver Ground
7
DRVDD
P
Digital Driver Supply (1.8 V or 3 V)
8
D7
DO
Data Output
9
D8
DO
Data Output
10
D9
DO
Data Output
11
D10
DO
Data Output
12
D11
DO
Data Output
13
D12
DO
Data Output
14
D13 (MSB)
DO
Data Output
15
NC
Not Connected
16
H1
DO
CCD Horizontal Clock 1
17
H2
DO
CCD Horizontal Clock 2
18
HVSS
P
H1 to H4 Driver Ground
19
HVDD
P
H1 to H4 Driver Supply (3 V)
20
H3
DO
CCD Horizontal Clock 3
21
H4
DO
CCD Horizontal Clock 4
22
RGVSS
P
RG Driver Ground
23
HL
DO
CCD Last Horizontal Clock
24
RGVDD
P
RG Driver Supply (3 V)
25
RG
DO
CCD Reset Gate Clock
26
IOVDD
P
Digital I/O Supply (1.8 V or 3 V)/LDO Input Voltage (3 V)
27
LDOOUT
P
LDO Output Voltage (1.8 V)


Similar Part No. - AD9979BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results

Similar Description - AD9979BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9942 AD-AD9942 Datasheet
653Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
REV. A
AD9974 AD-AD9974 Datasheet
73Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
Rev. Sp0
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com