Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD73311EB Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-AD73311EB
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD73311EB Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-AD73311EB Datasheet HTML 5Page - Analog Devices EVAL-AD73311EB Datasheet HTML 6Page - Analog Devices EVAL-AD73311EB Datasheet HTML 7Page - Analog Devices EVAL-AD73311EB Datasheet HTML 8Page - Analog Devices EVAL-AD73311EB Datasheet HTML 9Page - Analog Devices EVAL-AD73311EB Datasheet HTML 10Page - Analog Devices EVAL-AD73311EB Datasheet HTML 11Page - Analog Devices EVAL-AD73311EB Datasheet HTML 12Page - Analog Devices EVAL-AD73311EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD73311
–9–
REV. B
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
AVDD, DVDD to GND . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital I/O Voltage to DGND . . . . . .–0.3 V to DVDD + 0.3 V
Analog I/O Voltage to AGND . . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . +150
°C
SOIC,
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . 75°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
SSOP,
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . 90°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Model
Range
Option
1
AD73311AR
–40
°C to +85°C
R-20
AD73311ARS
–40
°C to +85°C
RS-20
EVAL-AD73311EB
Evaluation Board
2
+EZ-KIT Lite Upgrade
3
EVAL-AD73311EZ
Evaluation Board
2
+EZ-KIT Lite
4
NOTES
1R = 0.3' Small Outline IC (SOIC), RS = Shrink Small Outline Package (SSOP).
2The AD73311 evaluation board features a selectable number of codecs in
cascade (from 1 to 4). It can be interfaced to an ADSP-2181 EZ-KIT Lite or
to a Texas Instruments EVM kit.
3The upgrade consists of a replacement PROM and connector. This option is
intended for existing owners of EZ-KIT Lite.
4The EZ-KIT Lite has been modified to allow it to interface with the AD73311
evaluation board. This option is intended for users who do not already have an
EZ-KIT Lite.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD73311 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATION
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
VOUTP
SDOFS
SDIFS
SDI
SE
VOUTN
AVDD1
AGND1
AD73311
SCLK
MCLK
SDO
VINP
VINN
REFOUT
REFCAP
AVDD2
AGND2
DGND
DVDD
RESET
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - EVAL-AD73311EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD73311EB AD-EVAL-AD73311EB Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results

Similar Description - EVAL-AD73311EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311 Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com