Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG604YRUZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADG604YRUZ
Description  1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG604YRUZ Datasheet(HTML) 2 Page - Analog Devices

  ADG604YRUZ Datasheet HTML 1Page - Analog Devices ADG604YRUZ Datasheet HTML 2Page - Analog Devices ADG604YRUZ Datasheet HTML 3Page - Analog Devices ADG604YRUZ Datasheet HTML 4Page - Analog Devices ADG604YRUZ Datasheet HTML 5Page - Analog Devices ADG604YRUZ Datasheet HTML 6Page - Analog Devices ADG604YRUZ Datasheet HTML 7Page - Analog Devices ADG604YRUZ Datasheet HTML 8Page - Analog Devices ADG604YRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
ADG604–SPECIFICATIONS
–40 C to
–40 C to
Parameter
25 C
+85 C
+125 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
VDD = +4.5 V, VSS = –4.5 V
On Resistance (RON)85
Ω Typ
VS =
± 3 V, IS = –1 mA,
115
140
160
Ω Max
Test Circuit 1
On Resistance Match Between
Channels ( RON)2
Ω Typ
VS =
± 3 V, IS = –1 mA
4
5.5
6.5
Ω Max
On-Resistance Flatness (RFLAT(ON))25
Ω Typ
VS =
± 3 V, I
S = –1 mA
40
55
60
Ω Max
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = –5.5 V
Source OFF Leakage IS (OFF)
±0.01
nA Typ
VS =
±4.5 V, VD = 4.5 V,
±0.1
±0.25
±4
nA Max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA Typ
VS =
±4.5 V, V
D =
4.5 V,
±0.1
±0.5
±8
nA Max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
nA Typ
VS = VD =
±4.5 V, Test Circuit 3
±0.1
±0.5
±10
nA Max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V Min
Input Low Voltage, VINL
0.8
V Max
Input Current
IINL or IINH
0.005
µA Typ
VIN = VINL or VINH
±0.1
µA Max
CIN, Digital Input Capacitance
2
pF Typ
DYNAMIC CHARACTERISTICS
2
Transition Time
70
ns Typ
VS1 = +3 V, VS4 = –3 V, RL = 300
Ω,
100
120
150
ns Max
CL = 35 pF, Test Circuit 4
tON Enable
80
ns Typ
RL = 300
Ω, CL = 35 pF
105
130
150
ns Max
VS = 3 V, Test Circuit 6
tOFF Enable
30
ns Typ
RL = 300
Ω, CL = 35 pF
45
55
65
ns Max
VS = 3 V, Test Circuit 6
Break-Before-Make Time Delay, tBBM
20
ns Typ
RL = 300
Ω, C
L = 35 pF,
10
ns Min
VS1 = VS2 = 3 V, Test Circuit 5
Charge Injection
–1
pC Typ
VS = 0 V, RS = 0
Ω, CL = 1nF, Test Circuit 7
Off Isolation
–75
dB Typ
RL = 50
Ω, C
L = 5 pF, f = 10 MHz,
Test Circuit 8
Channel-to-Channel Crosstalk
–70
dB Typ
RL = 50
Ω, CL = 5 pF, f = 10 MHz,
Test Circuit 10
Bandwidth –3 dB
280
MHz Typ
RL = 50
Ω, CL = 5 pF, Test Circuit 9
CS (OFF)
5
pF Typ
f = 1 MHz
CD (OFF)
17
pF Typ
f = 1 MHz
CD, CS (ON)
18
pF Typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = –5.5 V
IDD
0.001
µA Typ
Digital Inputs = 0 V or 5.5 V
1.0
µA Max
Iss
0.001
µA Typ
Digital Inputs = 0 V or 5.5 V
1.0
µA Max
NOTES
1Y Version Temperature Range: –40
°C to +125°C
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
DUAL SUPPLY1 (V
DD = +5 V
10%, VSS = –5 V
10%, GND = 0 V. All specifications –40 C to +125 C unless otherwise noted.)


Similar Part No. - ADG604YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG604YRUZ-REEL7 AD-ADG604YRUZ-REEL7 Datasheet
155Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com