Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL203EB Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL203EB
Description  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL203EB Datasheet(HTML) 1 Page - Analog Devices

  ADXL203EB Datasheet HTML 1Page - Analog Devices ADXL203EB Datasheet HTML 2Page - Analog Devices ADXL203EB Datasheet HTML 3Page - Analog Devices ADXL203EB Datasheet HTML 4Page - Analog Devices ADXL203EB Datasheet HTML 5Page - Analog Devices ADXL203EB Datasheet HTML 6Page - Analog Devices ADXL203EB Datasheet HTML 7Page - Analog Devices ADXL203EB Datasheet HTML 8Page - Analog Devices ADXL203EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Precision ±1.7 g, ±5 g, ±18 g Single-/
Dual-Axis iMEMS® Accelerometer
Data Sheet
ADXL103/ADXL203
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
High performance, single-/dual-axis accelerometer on
a single IC chip
5 mm × 5 mm × 2 mm LCC package
1 mg resolution at 60 Hz
Low power: 700 μA at VS = 5 V (typical)
High zero g bias stability
High sensitivity accuracy
−40°C to +125°C temperature range
X and Y axes aligned to within 0.1° (typical)
Bandwidth adjustment with a single capacitor
Single-supply operation
3500 g shock survival
RoHS compliant
Compatible with Sn/Pb- and Pb-free solder processes
Qualified for automotive applications
APPLICATIONS
Vehicle dynamic controls
Electronic chassis controls
Platform stabilization/leveling
Navigation
Alarms and motion detectors
High accuracy, 2-axis tilt sensing
Vibration monitoring and compensation
Abuse event detection
GENERAL DESCRIPTION
The ADXL103/ADXL203 are high precision, low power, complete
single- and dual-axis accelerometers with signal conditioned
voltage outputs, all on a single, monolithic IC. The ADXL103/
ADXL203 measure acceleration with a full-scale range of ±1.7 g,
±5 g, or ±18 g. The ADXL103/ADXL203 can measure both
dynamic acceleration (for example, vibration) and static
acceleration (for example, gravity).
The typical noise floor is 110 μg/√Hz, allowing signals below 1 mg
(0.06° of inclination) to be resolved in tilt sensing applications
using narrow bandwidths (<60 Hz).
The user selects the bandwidth of the accelerometer using
Capacitor CX and Capacitor CY at the XOUT and YOUT pins.
Bandwidths of 0.5 Hz to 2.5 kHz can be selected to suit the
application.
The ADXL103 and ADXL203 are available in a 5 mm × 5 mm ×
2 mm, 8-terminal ceramic LCC package.
FUNCTIONAL BLOCK DIAGRAMS
ADXL103
SENSOR
+5V
OUTPUT
AMP
COM
ST
XOUT
VS
CDC
CX
RFILT
32kΩ
DEMOD
AC
AMP
ADXL203
SENSOR
+5V
OUTPUT
AMP
OUTPUT
AMP
COM
ST
YOUT
VS
CDC
CY
RFILT
32kΩ
DEMOD
XOUT
CX
RFILT
32kΩ
AC
AMP
Figure 1.


Similar Part No. - ADXL203EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL203 AD-ADXL203 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL203CE-REEL1 AD-ADXL203CE-REEL1 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL203CE1 AD-ADXL203CE1 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
More results

Similar Description - ADXL203EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
logo
CRYSTEK CORPORATION
CCESMA-MM-SS402-12 CRYSTEKMICROWAVE-CCESMA-MM-SS402-12 Datasheet
935Kb / 1P
   SS402 50 Ohm 18G Hz Precision Coaxial Cables
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
logo
Suzhou Maswell Communic...
AN_MASTER_003 MASWELL-AN_MASTER_003 Datasheet
430Kb / 3P
   5G Antenna
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com