Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG608BR Datasheet(PDF) 2 Page - Analog Devices

Part # ADG608BR
Description  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG608BR Datasheet(HTML) 2 Page - Analog Devices

  ADG608BR Datasheet HTML 1Page - Analog Devices ADG608BR Datasheet HTML 2Page - Analog Devices ADG608BR Datasheet HTML 3Page - Analog Devices ADG608BR Datasheet HTML 4Page - Analog Devices ADG608BR Datasheet HTML 5Page - Analog Devices ADG608BR Datasheet HTML 6Page - Analog Devices ADG608BR Datasheet HTML 7Page - Analog Devices ADG608BR Datasheet HTML 8Page - Analog Devices ADG608BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADG608/ADG609–SPECIFICATIONS
REV. A
–2–
Parameter
B Version
T Version
+25 C
–40
°C to
+25 C
–55 C to
Test Conditions/
+85 C
+125 C
Units
Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
VSS to VDD
V
RON
22
22
Ω typ
–3.5 V < VS < +3.5 V, IS = –1 mA;
30
35
30
40
Ω max
VDD = +4.5 V, VSS = –4.5 V;
Test Circuit 1
∆R
ON
56
5
6
Ω max
–3 V < VS < +3 V, IDS = –1 mA;
VDD = +5 V, VSS = –5 V
RON Match
2
3
2
3
Ω max
VS = 0 V, IDS = –1 mA;
VDD = +5 V, VSS = –5 V
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = –5.5 V
Source OFF Leakage IS (OFF)
±0.05
±0.05
nA typ
VD = ± 4.5 V, VS =
4.5 V;
±0.5
±2
±0.5
±10
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.05
±0.05
nA typ
VD = ± 4.5 V, VS =
4.5 V;
ADG608
±0.5
±2
±0.5
±10
nA max
Test Circuit 3
ADG609
±0.5
±1
±0.5
±5
nA max
Channel ON Leakage ID, IS (ON)
±0.05
±0.05
nA typ
VS = VD = ± 4.5 V;
ADG608
±0.5
±3
±0.5
±20
nA max
Test Circuit 4
ADG609
±0.5
±1.5
±0.5
±10
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
±1
±1
µA max
VIN = 0 or VDD
CIN, Digital Input Capacitance
5
5
pF typ
DYNAMIC CHARACTERISTICS
2
tTRANSITION
50
50
ns typ
RL = 300 Ω, CL = 35 pF;
75
90
75
100
ns max
VS1 = ± 3.5 V, VS8 =
3.5 V;
Test Circuit 5
tOPEN
10
10
ns min
RL = 300 Ω, CL = 35 pF;
VS = +3.5 V; Test Circuit 6
tON (EN)
50
50
ns typ
RL = 300 Ω, CL = 35 pF;
75
90
75
100
ns max
VS = +3.5 V; Test Circuit 7
tOFF (EN)
30
30
ns typ
RL = 300 Ω, CL = 35 pF;
45
60
45
75
ns max
VS = +3.5 V; Test Circuit 7
Charge Injection
6
6
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
Test Circuit 8
OFF Isolation
85
85
dB typ
RL = 1 kΩ, CL = 15 pF, f = 100 kHz;
VS = 3 V rms; Test Circuit 9
Channel-to-Channel Crosstalk
85
85
dB typ
RL = 1 kΩ, CL = 15 pF, f = 100 kHz;
Test Circuit 10
CS (OFF)
9
9
pF typ
CD (OFF)
ADG608
40
40
pF typ
ADG609
20
20
pF typ
CD (ON)
ADG608
54
54
pF typ
ADG609
34
34
pF typ
POWER REQUIREMENTS
IDD
0.05
0.2
0.05
0.2
µA typ
VIN = 0 V or VDD
0.2
2
0.2
2
µA max
ISS
0.01
0.1
0.01
0.1
µA typ
0.1
1
0.1
1
µA max
NOTES
1Temperature ranges are as follows: B Version: –40
°C to +85°C; T Version: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
DUAL SUPPLY1 (V
DD = +5 V
10%, VSS = –5 V
10%, GND = 0 V, unless otherwise noted)


Similar Part No. - ADG608BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG608BR AD-ADG608BR Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BR AD-ADG608BR Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BR AD-ADG608BR Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BR AD-ADG608BR Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BR AD-ADG608BR Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results

Similar Description - ADG608BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRUZ AD-ADG608BRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRZ AD-ADG608BRZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com