Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG621BRM Datasheet(PDF) 10 Page - Analog Devices

Part # ADG621BRM
Description  CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621BRM Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG621BRM Datasheet HTML 4Page - Analog Devices ADG621BRM Datasheet HTML 5Page - Analog Devices ADG621BRM Datasheet HTML 6Page - Analog Devices ADG621BRM Datasheet HTML 7Page - Analog Devices ADG621BRM Datasheet HTML 8Page - Analog Devices ADG621BRM Datasheet HTML 9Page - Analog Devices ADG621BRM Datasheet HTML 10Page - Analog Devices ADG621BRM Datasheet HTML 11Page - Analog Devices ADG621BRM Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 10 of 12
TEST CIRCUITS
IDS
V1
S
D
VS
RON = V1/IDS
S
D
VS
VD
IS (OFF)
ID (OFF)
A
A
S
D
VD
ID (ON)
A
NC
NC = NO CONNECT
Figure 16. On Resistance
Figure 17. Off Leakage
Figure 18. On Leakage
0.1µF
VS
IN
S
D
VDD
GND
RL
300
CL
35pF
VOUT
VDD
VIN
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
50%
50%
VSS
VSS
0.1µF
ADG621
ADG622
Figure 19. Switching Times (tON, tOFF)
S1
D1
0.1µF
VDD
IN1, IN2
VS1
GND
RL1
300
CL1
35pF
VOUT1
VS2
VOUT2
RL2
300
CL2
35pF
S2
VIN
D2
VDD
tBBM
tBBM
50%
50%
90%
VIN
VOUT1
VOUT2
90%
90%
90%
0V
0V
0V
0.1µF
VSS
VSS
Figure 20. Break-Before-Make Time Delay, tBBM (ADG623 Only)
S
D
VDD
IN
VS
GND
CL
1nF
VOUT
RS
VDD
SW ON
VIN
VOUT
QINJ = CL × ΔVOUT
SW OFF
VSS
VSS
ΔVOUT
Figure 21. Charge Injection


Similar Part No. - ADG621BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621BRM AD-ADG621BRM Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG621BRM AD-ADG621BRM Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
More results

Similar Description - ADG621BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG601 AD-ADG601 Datasheet
132Kb / 8P
   2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV. 0
ADG621 AD-ADG621 Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG619 AD-ADG619 Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG662 AD-ADG662_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com