Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG507ABQ Datasheet(PDF) 5 Page - Analog Devices

Part # ADG507ABQ
Description  CMOS 8-/16-Channel Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG507ABQ Datasheet(HTML) 5 Page - Analog Devices

  ADG507ABQ Datasheet HTML 1Page - Analog Devices ADG507ABQ Datasheet HTML 2Page - Analog Devices ADG507ABQ Datasheet HTML 3Page - Analog Devices ADG507ABQ Datasheet HTML 4Page - Analog Devices ADG507ABQ Datasheet HTML 5Page - Analog Devices ADG507ABQ Datasheet HTML 6Page - Analog Devices ADG507ABQ Datasheet HTML 7Page - Analog Devices ADG507ABQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADG506A/ADG507A
–5–
REV. C
Typical Performance Characteristics–
The multiplexers are guaranteed functional with reduced single or dual supplies down to 4.5 V.
Figure 1. RON as a Function of VD (VS): Dual Supply
Voltage, TA = +25°C
Figure 2. Leakage Current as a Function of Temperature
(Note: Leakage Currents Reduce as the Supply Voltages
Reduce)
Figure 3. tTRANSITION vs. Supply Voltage: Dual and Single
Supplies, TA = + 25
°C (Note: For V
DD and /VSS / < 10 V; V1 =
VDD/VSS, V2 = VSS/VDD. See Test Circuit 6)
Figure 4. RON as a Function of VD (VS) Single Supply
Voltage, TA = +25°C
Figure 5. Trigger Levels vs. Power Supply Voltage, Dual
or Single Supply, TA = +25°C
Figure 6. IDD vs. Supply Voltage: Dual or Single Supply,
TA = +25°C


Similar Part No. - ADG507ABQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG507ABQ AD-ADG507ABQ Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results

Similar Description - ADG507ABQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE-883B AD-ADG506ATE-883B Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
154Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKPZ AD-ADG507AKPZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKPZ AD-ADG506AKPZ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com