Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG812YRUZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADG812YRUZ
Description  0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG812YRUZ Datasheet(HTML) 4 Page - Analog Devices

  ADG812YRUZ Datasheet HTML 1Page - Analog Devices ADG812YRUZ Datasheet HTML 2Page - Analog Devices ADG812YRUZ Datasheet HTML 3Page - Analog Devices ADG812YRUZ Datasheet HTML 4Page - Analog Devices ADG812YRUZ Datasheet HTML 5Page - Analog Devices ADG812YRUZ Datasheet HTML 6Page - Analog Devices ADG812YRUZ Datasheet HTML 7Page - Analog Devices ADG812YRUZ Datasheet HTML 8Page - Analog Devices ADG812YRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG811/ADG812/ADG813
Rev. B | Page 4 of
16
VDD = 2.5 V ± 0.2 V, GND = 0 V, unless otherwise noted. Temperature range for the Y version is −40°C to +125°C.
Table 2.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
0.65
Ω typ
VDD = 2.3 V, VS = 0 V to VDD, IS = 10 mA;
see Figure 19
0.72
0.8
0.88
Ω max
On Resistance Match Between
Channels, ΔRON
0.04
Ω typ
VDD = 2.3 V, VS = 0.55 V, IS = 10 mA
0.08
0.085
Ω max
On Resistance Flatness, RFLAT (ON)
0.16
Ω typ
VDD = 2.3 V, VS = 0 V to VDD, IS = 10 mA
0.23
0.24
Ω max
LEAKAGE CURRENTS
VDD = 2.7 V
Source Off Leakage, IS (Off )
±0.2
nA typ
VS = 0.6 V/2.4 V, VD = 2.4 V/0.6 V;
see Figure 20
±1
±6
±35
nA max
Drain Off Leakage, ID (Off )
±0.2
nA typ
VS = 0.6 V/2.4 V, VD = 2.4 V/0.6 V;
see Figure 20
±1
±6
±35
nA max
Channel On Leakage, ID, IS (On)
±0.2
nA typ
VS = VD = 0.6 V or 2.4 V; see Figure 21
±1
±11
±70
nA max
DIGITAL INPUTS
Input High Voltage, VINH
1.7
V min
Input Low Voltage, VINL
0.7
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
CIN, Digital Input Capacitance
6
pF typ
DYNAMIC CHARACTERISTICS1
tON
22
ns typ
RL = 50 Ω, CL = 35 pF
27
29
30
ns max
VS = 1.5 V/ 0 V; see Figure 22
tOFF
4
ns typ
RL = 50 Ω, CL = 35 pF
6
7
8
ns max
VS = 1.5 V; see Figure 22
Break-Before-Make Time Delay, tBBM
(ADG813 Only)
18
ns typ
RL = 50 Ω, CL = 35 pF
5
ns min
VS1 = VS2 = 1.5 V; see Figure 23
Charge Injection
25
pC typ
VS = 1.25 V, RS = 0 Ω, CL = 1 nF;
see Figure 24
Off Isolation
−67
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz;
see Figure 25
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz;
see Figure 27
Total Harmonic Distortion (THD + N)
0.022
%
RL = 32 Ω, f = 20 Hz to 20 kHz,
VS = 1.5 V p-p
Insertion Loss
−0.06
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz
−3 dB Bandwidth
90
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 26
CS (Off )
32
pF typ
CD (Off )
37
pF typ
CD, CS (On)
60
pF typ
POWER REQUIREMENTS
VDD = 2.7 V
IDD
0.003
μA typ
Digital inputs = 0 V or 2.7 V
1.0
4
μA max
1 Guaranteed by design, but not subject to production test.


Similar Part No. - ADG812YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results

Similar Description - ADG812YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com