Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG836YCP-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG836YCP-REEL7
Description  0.5 ohm CMOS 1.65V TO 3.6V Dual SPDT/2:1 MUX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG836YCP-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG836YCP-REEL7 Datasheet HTML 4Page - Analog Devices ADG836YCP-REEL7 Datasheet HTML 5Page - Analog Devices ADG836YCP-REEL7 Datasheet HTML 6Page - Analog Devices ADG836YCP-REEL7 Datasheet HTML 7Page - Analog Devices ADG836YCP-REEL7 Datasheet HTML 8Page - Analog Devices ADG836YCP-REEL7 Datasheet HTML 9Page - Analog Devices ADG836YCP-REEL7 Datasheet HTML 10Page - Analog Devices ADG836YCP-REEL7 Datasheet HTML 11Page - Analog Devices ADG836YCP-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG836
Rev. A | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VD, VS (V)
VDD = 2.7V
VDD = 3V
TA = 25°C
VDD = 3.6V
VDD = 3.3V
Figure 4. On Resistance vs. VD (VS) VDD = 2.7 to 3.6 V
0.8
0.3
0.4
0.5
0.6
0.7
0.2
0
0.5
2.5
2.0
1.5
1.0
VD, VS (V)
TA = 25°C
VDD = 2.5V
VDD = 2.3V
VDD = 2.7V
Figure 5. On Resistance vs. VD (VS) VDD = 2.5 V to 0.2 V
1.8
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VD, VS (V)
TA = 25°C
VDD = 1.65V
VDD = 1.8V
VDD = 1.95V
Figure 6. On Resistance vs. VD (VS) VDD = 1.8 ± 3.6
1.2
0.2
0.4
0.6
0.8
1.0
0
0
3.0
2.5
2.0
1.5
1.0
0.5
VD, VS (V)
+125°C
+85°C
+25°C
–40°C
VDD = 3.3V
Figure 7. On Resistance vs. VD (VS) for Different Temperature, 3.3 V
1.2
0.2
0.4
0.6
0.8
1.0
0
0
2.5
2.0
1.5
1.0
0.5
VD, VS (V)
+125°C
+25°C
VDD = 2.5V
+85°C
–40°C
Figure 8. On Resistance vs. VD (VS) for Different Temperature, 2.5 V
1.4
0.2
0.5
0.7
0.8
1.0
1.2
0
0
1.8
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VD, VS (V)
+25°C
–40°C
+85°C
+125°C
VDD = 1.8V
Figure 9. On Resistance vs. VD (VS) for Different Temperature, 1.8 V


Similar Part No. - ADG836YCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836YCP-REEL7 AD-ADG836YCP-REEL7 Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
More results

Similar Description - ADG836YCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
EVAL-ADG884EBZ AD-EVAL-ADG884EBZ Datasheet
304Kb / 16P
   0.5 廓 CMOS, Dual 2:1 MUX/SPDT Audio Switch
REV. D
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
logo
Potato Semiconductor Co...
PO3B33257A POTATO-PO3B33257A Datasheet
952Kb / 6P
   1.65v-3.6v, 24 to 12 Mux/DeMux
PO3B33257A POTATO-PO3B33257A_14 Datasheet
1Mb / 5P
   1.65v-3.6v, 24 to 12 Mux/DeMux
logo
Analog Devices
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com