Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG813YRU-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # ADG813YRU-REEL
Description  0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG813YRU-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG813YRU-REEL Datasheet HTML 2Page - Analog Devices ADG813YRU-REEL Datasheet HTML 3Page - Analog Devices ADG813YRU-REEL Datasheet HTML 4Page - Analog Devices ADG813YRU-REEL Datasheet HTML 5Page - Analog Devices ADG813YRU-REEL Datasheet HTML 6Page - Analog Devices ADG813YRU-REEL Datasheet HTML 7Page - Analog Devices ADG813YRU-REEL Datasheet HTML 8Page - Analog Devices ADG813YRU-REEL Datasheet HTML 9Page - Analog Devices ADG813YRU-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG811/ADG812/ADG813
Rev. B | Page 6 of
16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to GND
−0.3 V to +4.6 V
Analog Inputs1
−0.3 V to VDD + 0.3 V
Digital Inputs1
GND − 0.3 V to 4.6 V or
10 mA, whichever occurs first
Peak Current, S or D
(Pulsed at 1 ms, 10%
duty-cycle maximum)
3.3 V Operation
500 mA
2.5 V Operation
460 mA
1.8 V Operation
420 mA
Continuous Current, S or D
3.3 V Operation
300 mA
2.5 V Operation
275 mA
1.8 V Operation
250 mA
Operating Temperature Range,
Automotive (Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TSSOP Package
θJA Thermal Impedance
150°C/W
θJC Thermal Impedance
27°C/W
LFCSP Package
θJA Thermal Impedance
70°C/W
IR Reflow, Peak Temperature <20 sec
235°C
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating may be applied at any one
time.
Table 5. ADG811/ADG812 Truth Table
ADG811 IN
ADG812 IN
Switch Condition
0
1
On
1
0
Off
Table 6. ADG813 Truth Table
Logic
Switch 1, Switch 4
Switch 2, Switch 3
0
Off
On
1
On
Off
ESD CAUTION


Similar Part No. - ADG813YRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG813YRU-REEL AD-ADG813YRU-REEL Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG813YRU-REEL7 AD-ADG813YRU-REEL7 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
More results

Similar Description - ADG813YRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com