Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADG904REBZ Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-ADG904REBZ
Description  Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG904REBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-ADG904REBZ Datasheet HTML 4Page - Analog Devices EVAL-ADG904REBZ Datasheet HTML 5Page - Analog Devices EVAL-ADG904REBZ Datasheet HTML 6Page - Analog Devices EVAL-ADG904REBZ Datasheet HTML 7Page - Analog Devices EVAL-ADG904REBZ Datasheet HTML 8Page - Analog Devices EVAL-ADG904REBZ Datasheet HTML 9Page - Analog Devices EVAL-ADG904REBZ Datasheet HTML 10Page - Analog Devices EVAL-ADG904REBZ Datasheet HTML 11Page - Analog Devices EVAL-ADG904REBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
ADG904/ADG904-R
Rev. C | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–1.1
–1.2
–1.3
–1.4
–1.5
–1.6
–1.7
–1.8
–1.9
–2.0
–2.1
–2.2
–2.3
–2.4
–2.5
–2.6
–2.7
–2.8
–2.9
–3.0
TA = 25°C
VDD = 2.25V
VDD = 2.75V
VDD = 2.50V
Figure 7. Insertion Loss vs. Frequency over Supplies
(RF1–RF4, S12, and S21)
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–1.1
VDD = 2.50V
VDD = 2.75V
VDD = 2.25V
TA = 25°C
Figure 8. Insertion Loss vs. Frequency over Supplies
(RF1–RF4, S12, and S21). Zoomed Figure 7 Plot
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–1.1
–1.2
–1.3
–1.4
–1.5
–1.6
–1.7
–1.8
–1.9
–2.0
–2.1
–2.2
–2.3
–2.4
–2.5
–2.6
–2.8
–2.9
–2.7
–3.0
VDD = 1.65V
VDD = 1.80V
VDD = 1.95V
TA = 25°C
Figure 9. Insertion Loss vs. Frequency over Supplies
(RF1–RF4, S12, and S21)
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–1.1
–1.2
–1.3
–1.4
–1.5
–1.6
–1.7
–1.8
–1.9
–2.0
–2.1
–2.2
–2.3
–2.4
–2.5
–2.6
–2.7
–2.8
–2.9
–3.0
TA = +85°C
TA = –40°C
TA = +25°C
VDD = 2.5V
Figure 10. Insertion Loss vs. Frequency over Temperature
((RF1–RF4, S12, and S21)
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
VDD = 1.65V TO 2.75V
S12
S21
Figure 11. Isolation vs. Frequency over Supplies
(RF1–RF4, S12, and S21)
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–10
–20
–40
–30
–50
–60
–70
–80
–90
–100
TA = –40°C
TA =+25°C
TA =+85°C
VDD = 2.5V
Figure 12. Isolation vs. Frequency over Temperature
(RF1–RF4, S12, and S21)


Similar Part No. - EVAL-ADG904REBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADG904-R AD-EVAL-ADG904-R_15 Datasheet
148Kb / 8P
   Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
EVAL-ADG904 AD-EVAL-ADG904_15 Datasheet
148Kb / 8P
   Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
More results

Similar Description - EVAL-ADG904REBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG918 AD-ADG918 Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
EVAL-ADG904-R AD-EVAL-ADG904-R_15 Datasheet
148Kb / 8P
   Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
EVAL-ADG904 AD-EVAL-ADG904_15 Datasheet
148Kb / 8P
   Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
   High Isolation, 35 dB Typical at 1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com