Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM692AQ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM692AQ
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM692AQ Datasheet(HTML) 2 Page - Analog Devices

  ADM692AQ Datasheet HTML 1Page - Analog Devices ADM692AQ Datasheet HTML 2Page - Analog Devices ADM692AQ Datasheet HTML 3Page - Analog Devices ADM692AQ Datasheet HTML 4Page - Analog Devices ADM692AQ Datasheet HTML 5Page - Analog Devices ADM692AQ Datasheet HTML 6Page - Analog Devices ADM692AQ Datasheet HTML 7Page - Analog Devices ADM692AQ Datasheet HTML 8Page - Analog Devices ADM692AQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM690–ADM695–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
BATTERY BACKUP SWITCHING
VCC Operating Voltage Range
ADM690, ADM691, ADM694, ADM695
4.75
5.5
V
ADM692, ADM693
4.5
5.5
V
VBATT Operating Voltage Range
ADM690, ADM691, ADM694, ADM695
2.0
4.25
V
ADM692, ADM693
2.0
4.0
V
VOUT Output Voltage
VCC – 0.05
VCC – 0.025
V
IOUT = 1 mA
VCC – 0.5
VCC – 0.25
V
IOUT ≤ 100 mA
VOUT in Battery Backup Mode
VBATT – 0.05 VBATT – 0.02
V
IOUT = 250 µA, VCC < VBATT – 0.2 V
Supply Current (Excludes IOUT)
1
1.95
mA
IOUT = 100 mA
Supply Current in Battery Backup Mode
0.6
1
µAV
CC = 0 V, VBATT = 2.8 V
Battery Standby Current
5.5 V > VCC > VBATT + 0.2 V
(+ = Discharge, – = Charge)
–0.1
+0.02
µAT
A = +25°C
–1.0
+0.02
µA
Battery Switchover Threshold
70
mV
Power Up
VCC – VBATT
50
mV
Power Down
Battery Switchover Hysteresis
20
mV
BATT ON Output Voltage
0.3
V
ISINK = 3.2 mA
BATT ON Output Short Circuit Current
35
mA
BATT ON = VOUT = 4.5 V Sink Current
0.5
1
25
µA
BATT ON = 0 V Source Current
RESET AND WATCHDOG TIMER
Reset Voltage Threshold
ADM690, ADM691, ADM694, ADM695
4.5
4.65
4.73
V
ADM692, ADM693
4.25
4.4
4.48
V
Reset Threshold Hysteresis
40
mV
Reset Timeout Delay
ADM690, ADM691, ADM692, ADM693
35
50
70
ms
OSC SEL = HIGH, VCC = 5 V, TA = +25°C
ADM694, ADM695
140
200
280
ms
OSC SEL = HIGH, VCC = 5 V, TA = +25°C
Watchdog Timeout Period, Internal Oscillator
1.0
1.6
2.25
s
Long Period, VCC = 5 V, TA = +25°C
70
100
140
ms
Short Period, VCC = 5 V, TA = +25°C
Watchdog Timeout Period, External Clock
3840
4097
Cycles
Long Period
768
1025
Cycles
Short Period
Minimum WDI Input Pulse Width
50
ns
VIL = 0.4, VIH = 3.5 V
RESET
Output Voltage @ VCC = +1 V
4
200
mV
ISINK = 10 µA, VCC = 1 V
RESET
, LOW LINE Output Voltage
0.4
V
ISINK = 1.6 mA, VCC = 4.25 V
3.5
V
ISOURCE = 1 µA, VCC = 5 V
RESET
, WDO Output Voltage
0.4
V
ISINK = 1.6 mA, VCC = 5 V
3.5
V
ISOURCE = 1 µA, VCC = 4.25 V
Output Short Circuit Source Current
1
3
25
µA
Output Short Circuit Sink Current
25
mA
WDI Input Threshold
VCC = 5 V
1
Logic Low
0.8
V
Logic High
3.5
V
WDI Input Current
20
50
µA
WDI = VOUT, TA = +25°C
–50
–15
µA
WDI = 0 V, TA = +25°C
POWER FAIL DETECTOR
PFI Input Threshold
1.25
1.3
1.35
V
VCC = +5 V
PFI Input Current
–25
±0.01
+25
nA
PFO
Output Voltage
0.4
V
ISINK = 3.2 mA
3.5
V
ISOURCE = 1 µA
PFO
Short Circuit Source Current
1
3
25
µA
PFI = Low, PFO = 0 V
PFO
Short Circuit Sink Current
25
mA
PFI = High, PFO = VOUT
CHIP ENABLE GATING
CEIN Threshold
0.8
V
VIL
3.0
V
VIH
CEIN Pull-Up Current
3
µA
CEOUT Output Voltage
0.4
V
ISINK = 3.2 mA
VOUT – 1.5
V
ISOURCE = 3.0 mA
VOUT – 0.05
V
ISOURCE = 1 µA, VCC = 0 V
CE
Propagation Delay
5
9
ns
REV. A
(VCC = Full Operating Range, VBATT = +2.8 V, TA = TMIN to
TMAX unless otherwise noted)
–2–


Similar Part No. - ADM692AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM692AQ AD-ADM692AQ Datasheet
284Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM692AQ AD-ADM692AQ Datasheet
199Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM692AQ AD-ADM692AQ Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM692AQ AD-ADM692AQ Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM692AQ AD-ADM692AQ Datasheet
175Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
More results

Similar Description - ADM692AQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com