Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ19 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7SZ19
Description  TinyLogic UHS 1-of-2 Decoder/Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ19 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SZ19 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ19 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ19 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ19 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ19 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ19 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ19 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7SZ19

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ19 FAIRCHILD-NC7SZ19 Datasheet
274Kb / 7P
   TinyLogic UHS 1-of-2 Decoder/Demultiplexer
logo
ON Semiconductor
NC7SZ19 ONSEMI-NC7SZ19 Datasheet
598Kb / 11P
   TinyLogic UHS 1-of-2 Decoder / Demultiplexer
February 2011 Rev. 1.0.2
NC7SZ19FHX ONSEMI-NC7SZ19FHX Datasheet
598Kb / 11P
   TinyLogic UHS 1-of-2 Decoder / Demultiplexer
February 2011 Rev. 1.0.2
logo
Fairchild Semiconductor
NC7SZ19FHX FAIRCHILD-NC7SZ19FHX_11 Datasheet
653Kb / 9P
   TinyLogic짰 UHS 1-of-2 Decoder / Demultiplexer
NC7SZ19L6X FAIRCHILD-NC7SZ19L6X Datasheet
274Kb / 7P
   TinyLogic UHS 1-of-2 Decoder/Demultiplexer
More results

Similar Description - NC7SZ19

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ19 FAIRCHILD-NC7SZ19_04 Datasheet
274Kb / 7P
   TinyLogic UHS 1-of-2 Decoder/Demultiplexer
logo
ON Semiconductor
NC7SZ19 ONSEMI-NC7SZ19 Datasheet
598Kb / 11P
   TinyLogic UHS 1-of-2 Decoder / Demultiplexer
February 2011 Rev. 1.0.2
logo
Fairchild Semiconductor
NC7SZ19 FAIRCHILD-NC7SZ19_11 Datasheet
653Kb / 9P
   TinyLogic짰 UHS 1-of-2 Decoder / Demultiplexer
NC7SZ18 FAIRCHILD-NC7SZ18 Datasheet
117Kb / 8P
   TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer
NC7SP19 FAIRCHILD-NC7SP19 Datasheet
197Kb / 9P
   TinyLogic ULP 1-of-2 Decoder/Demultiplexer
logo
ON Semiconductor
NC7SP19 ONSEMI-NC7SP19 Datasheet
304Kb / 11P
   TinyLogic ULP 1-of-2 Decoder/Demultiplexer
Revised March 2004
logo
Fairchild Semiconductor
NC7SV19 FAIRCHILD-NC7SV19 Datasheet
177Kb / 9P
   TinyLogic ULP-A 1-of-2 Decoder/Demultiplexer
logo
ON Semiconductor
NC7SV19 ONSEMI-NC7SV19 Datasheet
284Kb / 11P
   TinyLogic ULP-A 1-of-2 Decoder/Demultiplexer
Revised March 2004
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com